Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9875BSTRL Datasheet(PDF) 3 Page - Analog Devices

Part # AD9875BSTRL
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9875BSTRL Datasheet(HTML) 3 Page - Analog Devices

  AD9875BSTRL Datasheet HTML 1Page - Analog Devices AD9875BSTRL Datasheet HTML 2Page - Analog Devices AD9875BSTRL Datasheet HTML 3Page - Analog Devices AD9875BSTRL Datasheet HTML 4Page - Analog Devices AD9875BSTRL Datasheet HTML 5Page - Analog Devices AD9875BSTRL Datasheet HTML 6Page - Analog Devices AD9875BSTRL Datasheet HTML 7Page - Analog Devices AD9875BSTRL Datasheet HTML 8Page - Analog Devices AD9875BSTRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. 0
–3–
AD9875
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
Rx PATH GAIN/OFFSET
Minimum Programmable Gain
25
°C
III
–6
dB
Maximum Programmable Gain
(12 MHz Filter)
25
°C
III
36
dB
(26 MHz Filter)
25
°C
III
30
dB
Gain Step Size
25
°C
III
2
dB
Gain Step Accuracy
25
°C
III
±0.4
dB
Gain Range Error
25
°C
III
±1.0
dB
Offset Error, PGA Gain = 0 dB (AD9875)
25
°C
III
±4.0
LSB
Absolute Gain Error, PGA Gain = 0 dB
25
°C
III
±0.8
dB
Rx PATH INPUT CHARACTERISTICS
Input Voltage Range
25
°C
III
4
Vppd
Input Capacitance
25
°C
III
4
pF
Differential Input Resistance
25
°C
III
270
Ω
Input Bandwidth (–3 dB)
25
°C
III
50
MHz
Input Referred Noise (at +36 dB Gain with Filter)
25
°C
III
16
µV rms
Input Referred Noise (at –6 dB Gain with Filter)
25
°C
III
684
µV rms
Common-Mode Rejection
25
°C
III
40
dB
Rx PATH LPF (Low Cutoff Frequency)
Cutoff Frequency
25
°C
III
12
MHz
Cutoff Frequency Variation
25
°C
III
±7%
Attenuation @ 22 MHz
25
°C
III
20
dB
Passband Ripple
25
°C
III
±1.0
dB
Group Delay Variation
25
°C
III
30
ns
Settling Time
(to 1% FS, Min to Max Gain Change)
25
°C
III
150
ns
Total Harmonic Distortion at Max Gain (THD)
25
°C
III
–68
dBc
Rx PATH LPF (High Cutoff Frequency)
Cutoff Frequency
25
°C
III
26
MHz
Cutoff Frequency Variation
25
°C
III
±7%
Attenuation @ 44 MHz
25
°C
III
20
dB
Passband Ripple
25
°C
III
±1.2
dB
Group Delay Variation
25
°C
III
15
ns
Settling Time
(to 1% FS, Min to Max Gain Change)
25
°C
III
80
ns
Total Harmonic Distortion at Max Gain (THD)
25
°C
III
–65
dBc
Rx PATH DIGITAL HPF
Latency (ADC Clock Source Cycles)
Full
II
1
Cycle
Roll-Off in Stopband
Full
II
6
dB/Octave
–3 dB Frequency
Full
II
fADC /400
Hz
Rx PATH DISTORTION PERFORMANCE
IMD: f1 = 6.9 MHz, f2 = 7.1 MHz
12 MHz Filter: 0 dB
25
°C
III
–65
dBc
: 30 dB
25
°C
III
–57
dBc
28 MHz Filter: 0 dB
25
°C
III
–65
dBc
: 30 dB
25
°C
III
–56
dBc
POWER-DOWN/DISABLE TIMING
Power-Up Delay (Power-Down-to-Active)
DAC
25
°CII
40
µs
PLL
25
°CII
10
µs
ADC
25
°C
II
1000
µs
PGA
25
°CII
1
µs
LPF
25
°CII
1
µs
Interpolator
25
°C
II
200
ns
VRC
25
°CII
2
µs
Minimum RESET Pulsewidth Low (tRL)
Full
III
5
fOSCIN Cycle
DAC IOUT Off after Tx QUIET Asserted
25
°C
II
200
ns
DAC IOUT On after Tx QUIET Deasserted
25
°CII
1
µs
Power-Down Delay (Active-to-Power-Down)
DAC
25
°C
II
400
ns
Interpolator
25
°C
II
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com