Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9875BSTRL Datasheet(PDF) 14 Page - Analog Devices

Part # AD9875BSTRL
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9875BSTRL Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9875BSTRL Datasheet HTML 10Page - Analog Devices AD9875BSTRL Datasheet HTML 11Page - Analog Devices AD9875BSTRL Datasheet HTML 12Page - Analog Devices AD9875BSTRL Datasheet HTML 13Page - Analog Devices AD9875BSTRL Datasheet HTML 14Page - Analog Devices AD9875BSTRL Datasheet HTML 15Page - Analog Devices AD9875BSTRL Datasheet HTML 16Page - Analog Devices AD9875BSTRL Datasheet HTML 17Page - Analog Devices AD9875BSTRL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. 0
AD9875
–14–
f
S – MHz
10.0
9.0
7.0
10
20
30
40
50
8.0
8.5
9.5
7.5
f
OSCIN
f
PLLB/2
15
25
35
45
TPC 33. Rx Path ENOB vs. fADC
fIN – MHz
10.0
9.0
7.0
0
8.0
8.5
9.5
7.5
f
OSCIN
f
PLLB/2
2468
10
12
14
16
18
20
TPC 36. Rx Path ENOB vs. fIN
GAIN – dB
10.0
–60
612
f
POSCIN
f
PLLB/2
18
24
30
36
9.5
9.0
8.5
8.0
TPC 39. Rx Path ENOB vs. Gain
f
S – MHz
60
56
48
52
54
58
50
10
20
25
30
15
35
40
45
50
f
OSCIN
f
PLLB/2
TPC 34. Rx Path SNR vs. fADC
f
IN – MHz
0
468
10
2
1214161820
70
60
40
50
55
65
45
f
OSCIN
f
PLLB/2
TPX 37. Rx Path SNR vs. fIN
GAIN – dB
65
60
45
–66
12
18
50
55
0
243036
f
OSCIN
f
PLLB/2
TPC 40. Rx Path SNR vs. Gain
fS – MHz
–50
10
f
OSCIN
f
PLLB/2
15
20
25
30
35
40
45
50
–55
–60
–65
–70
–75
–80
TPC 35. Rx Path THD vs. fADC
fIN – MHz
–50
–55
–70
0
–65
–60
f
OSCIN
f
PLLB/2
2468
10
12
14
16
18
20
–75
–80
TPC 38. Rx Path THD vs. fIN
GAIN – dB
–50
–70
–66
24
36
–65
–60
–55
f
OSCIN
f
PLLB/2
012
18
30
TPC 41. Rx Path THD vs. Gain
Typical AC Characterization Curves for Rx Path (Gain = –6 dB, f
IN = 5 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com