Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7759 Datasheet HTML 9Page - Analog Devices ADE7759 Datasheet HTML 10Page - Analog Devices ADE7759 Datasheet HTML 11Page - Analog Devices ADE7759 Datasheet HTML 12Page - Analog Devices ADE7759 Datasheet HTML 13Page - Analog Devices ADE7759 Datasheet HTML 14Page - Analog Devices ADE7759 Datasheet HTML 15Page - Analog Devices ADE7759 Datasheet HTML 16Page - Analog Devices ADE7759 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
REV. 0
ADE7759
–13–
FREQUENCY – Hz
30
101
20
10
0
–10
–20
–30
–40
–50
–60
102
103
104
Figure 10. Gain Response of the Digital Integrator
FREQUENCY – Hz
–88.0
101
–88.5
–89.0
–89.5
–90.0
–90.5
–91.0
–91.5
–92.0
102
103
104
Figure 11. Phase Response of the Digital Integrator
FREQUENCY – Hz
0
–6
40
70
45
50
55
60
65
–1
–2
–3
–4
–5
Figure 12. Gain Response of the Digital Integrator
(40 Hz to 70 Hz)
–90.020
–89.985
–89.990
–89.995
–90.000
–90.005
–90.010
FREQUENCY – Hz
40
45
70
50
55
60
65
–90.015
–89.980
Figure 13. Phase Response of the Digital Integrator
(40 Hz to 70 Hz)
Note that the integrator has a –20 dB/dec attenuation and approxi-
mately –90
° phase shift. When combined with a di/dt sensor, the
resulting magnitude and phase response should be a flat gain
over the frequency band of interest. However, the di/dt sensor has
a 20 dB/dec gain associated with it, and generates significant high
frequency noise. A more effective antialiasing filter is needed to
avoid noise due to aliasing—see Antialias Filter section.
When the digital integrator is switched off, the ADE7759 can be
used directly with a conventional current sensor such as current
transformer (CT) or a low resistance current shunt.
ZERO CROSSING DETECTION
The ADE7759 has a zero crossing detection circuit on Channel 2.
This zero crossing is used to produce an external zero cross
signal (ZX) and it is also used in the calibration mode—see
Energy Calibration section. The zero crossing signal is also used
to initiate a temperature measurement on the ADE7759—see
Temperature Measurement section. Figure 14 shows how the
zero cross signal is generated from the output of LPF1.
ADC 2
REFERENCE
1
LPF1
f–3dB = 156Hz
–63% TO +63% FS
PGA2
1,
2,
4,
8,
16
{GAIN [7:5]}
V2P
V2N
V2
ZERO
CROSS
ZX
TO
MULTIPLIER
21.04 @ 60Hz
1.0
0.93
ZX
V2
LPF1
Figure 14. Zero Cross Detection on Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com