Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 15 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE7759 Datasheet HTML 11Page - Analog Devices ADE7759 Datasheet HTML 12Page - Analog Devices ADE7759 Datasheet HTML 13Page - Analog Devices ADE7759 Datasheet HTML 14Page - Analog Devices ADE7759 Datasheet HTML 15Page - Analog Devices ADE7759 Datasheet HTML 16Page - Analog Devices ADE7759 Datasheet HTML 17Page - Analog Devices ADE7759 Datasheet HTML 18Page - Analog Devices ADE7759 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
REV. 0
ADE7759
–15–
INTERRUPTS
ADE7759 Interrupts are managed through the Interrupt Status
register (STATUS[7:0]) and the Interrupt Enable register
(IRQEN[7:0]). When an interrupt event occurs in the ADE7759,
the corresponding flag in the Status register is set to a Logic 1
—see Interrupt Status register. If the enable bit for this interrupt
in the Interrupt Enable register is Logic 1, then the
IRQ logic output
goes active low. The flag bits in the Status register are set irre-
spective of the state of the enable bits.
In order to determine the source of the interrupt, the system
master (MCU) should perform a read from the Status register
with reset (RSTATUS[7:0]). This is achieved by carrying out a
read from address 05h. The
IRQ output will go logic high on
completion of the Interrupt Status register read command—see
Interrupt Timing section. When carrying out a read with reset, the
ADE7759 is designed to ensure that no interrupt events are
missed. If an interrupt event occurs just as the Status register is
being read, the event will not be lost and the
IRQ logic output is
guaranteed to go high for the duration of the Interrupt Status
register data transfer before going logic low again to indicate the
pending interrupt. See the following section for a more detailed
description.
Using the ADE7759 Interrupts with an MCU
Figure 17 shows a timing diagram with a suggested implementa-
tion of ADE7759 interrupt management using an MCU. At time t1
the
IRQ line will go active low, indicating that one or more
interrupt events have occurred in the ADE7759. The
IRQ logic
output should be tied to a negative edge-triggered external inter-
rupt on the MCU. On detection of the negative edge, the MCU
should be configured to start executing its Interrupt Service
Routine (ISR). On entering the ISR, all interrupts should be
disabled using the global interrupt enable bit. At this point the
MCU external interrupt flag can be cleared to capture interrupt
events that occur during the current ISR.
When the MCU interrupt flag is cleared, a read from the Status
register with reset is carried out. This will cause the
IRQ line to
be reset logic high (t2)—see Interrupt Timing section. The Sta-
tus register contents are used to determine the source of the
interrupt(s) and hence the appropriate action to be taken. If a
subsequent interrupt event occurs during the ISR, that event will
be recorded by the MCU external interrupt flag being set again
(t3). On returning from the ISR, the global interrupt mask will be
cleared (same instruction cycle) and the external interrupt flag will
cause the MCU to jump to its ISR once again. This will ensure
that the MCU does not miss any external interrupts.
Interrupt Timing
The Serial Interface section should be reviewed first, before the
interrupt timing. As previously described, when the
IRQ output
goes low the MCU ISR must read the Interrupt Status register
to determine the source of the interrupt. When reading the
Status register contents, the
IRQ output is set high on the last
falling edge of SCLK of the first byte transfer (read Interrupt
Status register command). The
IRQ output is held high until the
last bit of the next 8-bit transfer is shifted out (Interrupt Status
register contents)—see Figure 18. If an interrupt is pending at
this time, the
IRQ output will go low again. If no interrupt is
pending, the
IRQ output will stay high.
IRQ
GLOBAL
INTERRUPT
MASK SET
CLEAR MCU
INTERRUPT
FLAG
READ
STATUS WITH
RESET (05h)
ISR ACTION
(BASED ON
STATUS CONTENTS)
ISR RETURN
GLOBAL INTERRUPT
MASK RESET
MCU
INTERRUPT
FLAG SET
JUMP
TO
ISR
MCU
PROGRAM
SEQUENCE
t3
t2
t1
JUMP
TO
ISR
Figure 17. Interrupt Management
SCLK
DIN
DOUT
IRQ
t9
t1
t11
t11
READ STATUS REGISTER COMMAND
STATUS REGISTER CONTENTS
DB7
CS
00
0
0
01
0
1
DB0
Figure 18. Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com