Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE7759 Datasheet HTML 24Page - Analog Devices ADE7759 Datasheet HTML 25Page - Analog Devices ADE7759 Datasheet HTML 26Page - Analog Devices ADE7759 Datasheet HTML 27Page - Analog Devices ADE7759 Datasheet HTML 28Page - Analog Devices ADE7759 Datasheet HTML 29Page - Analog Devices ADE7759 Datasheet HTML 30Page - Analog Devices ADE7759 Datasheet HTML 31Page - Analog Devices ADE7759 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
REV. 0
ADE7759
–29–
Address
Name
R/W
# of Bits
Default
Description
0Eh
ZXTOUT
R/W
12
FFFh
Zero Cross Timeout. If no zero crossings are detected on Channel 2
within a time period specified by this 12-bit register, the interrupt
request line (
IRQ) will be activated. The maximum timeout period is
0.15 second—see Zero Crossing Detection section.
0Fh
SAGCYC
R/W
8
FFh
Sag Line Cycle register. This 8-bit register specifies the number of
consecutive half-line cycles the signal on Channel 2 must be below
SAGLVL before the
SAG output is activated—see Voltage Sag Detec-
tion section.
10h
IRQEN
R/W
8
40h
Interrupt Enable register. ADE7759 interrupts may be deactivated at
any time by setting the corresponding bit in this 8-bit Enable register
to Logic 0. The Status register will continue to register an interrupt
event even if disabled. However, the
IRQ output will not be
activated—see Interrupts section.
11h
SAGLVL
R/W
8
0h
Sag Voltage Level. An 8-bit write to this register determines at what
peak signal level on Channel 2 the
SAG pin will become active. The
signal must remain low for the number of cycles specified in the
SAGCYC register before the
SAG pin is activated—see Line Voltage
Sag Detection section.
12h
TEMP
R
8
0h
Temperature register. This is an 8-bit register which contains the result of
the latest temperature conversion—see Temperature Measurement section.
13h
LINECYC
R/W
14
3FFFh
Line Cycle Energy Accumulation Mode Half-Cycle register. This 14-
bit register is used during line cycle energy accumulation mode to set
the number of half-line cycles active energy is accumulated—see Line
Cycle Energy Accumulation Mode section.
14h
LENERGY
R
40
0h
Line Cycle Energy Accumulation Mode Active Energy register. This
40-bit register accumulates active energy during line cycle energy
accumulation mode. The number of half-line cycles is set by the
LINECYC register—see Line Cycle Energy Accumulation Mode section.
15h
CFNUM
R/W
12
0h
CF Frequency Divider Numerator register. The output frequency on
the CF pin is adjusted by writing to this 12-bit read/write register—see
Energy to Frequency Conversion section.
1Eh
CHKSUM
R
6
0h
Checksum register. This 6-bit read-only register is equal to the sum of
all the ones in the previous read—see Serial Read Operation section.
1Fh
DIEREV
R
8
01h
Die Revision register. This 8-bit read-only register contains the revision
number of the silicon.
REGISTER DESCRIPTIONS
All ADE7759 functionality is accessed via the on-chip registers. Each register is accessed by first writing to the Communications
register and then transferring the register data. A full description of the serial interface protocol is given in the Serial Interface section
of this data sheet.
Communications Register
The Communications register is an 8-bit, write-only register that controls the serial data transfer between the ADE7759 and the host
processor. All data transfer operations must begin with a write to the Communications register. The data written to the Communica-
tions register determines whether the next operation is a read or a write and which register is being accessed. Table V outlines the bit
designations for the Communications register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com