Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 1 Page - Analog Devices

  ADE7759 Datasheet HTML 1Page - Analog Devices ADE7759 Datasheet HTML 2Page - Analog Devices ADE7759 Datasheet HTML 3Page - Analog Devices ADE7759 Datasheet HTML 4Page - Analog Devices ADE7759 Datasheet HTML 5Page - Analog Devices ADE7759 Datasheet HTML 6Page - Analog Devices ADE7759 Datasheet HTML 7Page - Analog Devices ADE7759 Datasheet HTML 8Page - Analog Devices ADE7759 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADE7759*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Active Energy Metering IC with
di/dt Sensor Interface
FUNCTIONAL BLOCK DIAGRAM
AVDD
RESET
DVDD
DGND
ZX
SAG
CF
V1P
V1N
V2N
V2P
TEMP
SENSOR
ADC
ADC
DFC
ADE7759
APOS[15:0]
LPF2
MULTIPLIER
INTEGRATOR
MULTIPLIER
CLKIN CLKOUT
DIN DOUT SCLK
REFIN/OUT
CS
IRQ
AGND
APGAIN[11:0]
dt
REGISTERS AND
SERIAL INTERFACE
CFNUM[11:0]
CFDEN[11:0]
2.4V
REFERENCE
4k
PHCAL[7:0]
HPF1
LPF1
FEATURES
High Accuracy, Supports IEC 687/1036
On-Chip Digital Integrator Allows Direct Interface with
Current Sensors with di/dt Output Such as Rogowski Coil
Less Than 0.1% Error over a Dynamic Range of 1000 to 1
On-Chip User-Programmable Threshold for Line Voltage
SAG Detection and PSU Supervisory
The ADE7759 Supplies Sampled Waveform Data and
Active Energy (40 Bits)
Digital Power, Phase and Input DC Offset Calibration
On-Chip Temperature Sensor (Typical 1 LSB/ C Resolution)
SPI-Compatible Serial Interface
Pulse Output with Programmable Frequency
Interrupt Request Pin (IRQ) and IRQ Status Register
Proprietary ADCs and DSP provide High Accuracy over
Large Variations in Environmental Conditions and Time
Reference 2.4 V
8% (20 ppm/ C Typical) with External
Overdrive Capability
Single 5 V Supply, Low Power Consumption (25 mW
Typical)
GENERAL DESCRIPTION
The ADE7759 is an accurate active power and energy measurement
IC with a serial interface and a pulse output. The ADE7759 incor-
porates two second order
Σ-∆ ADCs, a digital integrator (on CH1),
reference circuitry, temperature sensor, and all the signal processing
required to perform active power and energy measurement.
An on-chip digital integrator allows direct interface to di/dt
current sensors such as a Rogowski coil. The digital integrator
eliminates the need for an external analog integrator and pro-
vides excellent long-term stability and precise phase matching
between the current and the voltage channels. The integrator
can be switched off if the ADE7759 is used with conventional
current sensors.
The ADE7759 contains a sampled Waveform register and an Active
Energy register capable of holding at least 11.53 seconds of accumu-
lated power at full ac load. Data is read from the ADE7759 via the
serial interface. The ADE7759 also provides a pulse output (CF)
with frequency that is proportional to the active power.
In addition to active power information, the ADE7759 also
provides various system calibration features, i.e., channel offset
correction, phase calibration, and power offset correction. The
part also incorporates a detection circuit for short duration
voltage drop (SAG). The voltage threshold and the duration (in
number of half-line cycles) of the drop are user programmable.
An open drain logic output (
SAG) goes active low when a sag
event occurs.
A zero crossing output (ZX) produces an output that is synchro-
nized to the zero crossing point of the line voltage. This output
can be used to extract timing or frequency information from the
line. The signal is also used internally to the chip in the line
cycle energy accumulation mode; i.e., the number of half-line
cycles in which the energy accumulation occurs can be con-
trolled. Line cycle energy accumulation enables a faster and
more precise energy accumulation and is especially useful dur-
ing calibration. This signal is also useful for synchronization of
relay switching with a voltage zero crossing.
The interrupt request output is an open drain, active low logic
output. The Interrupt Status Register indicates the nature of the
interrupt, and the Interrupt Enable Register controls which
event produces an output on the
IRQ pin. The ADE7759 is
available in a 20-lead SSOP package.
*U.S. Patents 5,745,323; 5,760,617; 5,862,069; 5,872,469; others pending.


Similar Part No. - ADE7759

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7759 AD-ADE7759_15 Datasheet
466Kb / 36P
Active Energy Metering IC with di/dt Sensor Interface
REV. A
More results

Similar Description - ADE7759

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7753 AD-ADE7753 Datasheet
449Kb / 37P
Active and Apparent Energy Metering IC with di/dt sensor interface
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909 Datasheet
1Mb / 40P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
MCP3909 MICROCHIP-MCP3909_09 Datasheet
1Mb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
logo
Analog Devices
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7753 AD-ADE7753_15 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
Active Energy Metering IC with Serial Interface
REV. 0
ADE7759 AD-ADE7759_15 Datasheet
466Kb / 36P
Active Energy Metering IC with di/dt Sensor Interface
REV. A
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_12 Datasheet
806Kb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
logo
Analog Devices
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com