Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG613 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG613
Description  1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG613 Datasheet(HTML) 5 Page - Analog Devices

  ADG613 Datasheet HTML 1Page - Analog Devices ADG613 Datasheet HTML 2Page - Analog Devices ADG613 Datasheet HTML 3Page - Analog Devices ADG613 Datasheet HTML 4Page - Analog Devices ADG613 Datasheet HTML 5Page - Analog Devices ADG613 Datasheet HTML 6Page - Analog Devices ADG613 Datasheet HTML 7Page - Analog Devices ADG613 Datasheet HTML 8Page - Analog Devices ADG613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
–5–
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted)
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.5 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6.5 V
Analog Inputs
2 . . . . . . . . . . . . . . . V
SS – 0.3 V to VDD + 0.3 V
Digital Inputs
2 . . . . . . . . . . . . . GND – 0.3 V to V
DD + 0.3 V
or 30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . 10 mA
3 V operation 85
°C to 125°C . . . . . . . . . . . . . . . . . 7.5 mA
Operating Temperature Range
Automotive (Y Version) . . . . . . . . . . . . . . –40
°C to +125°C
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG611YRU
–40
°C to +125°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
ADG612YRU
–40
°C to +125°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
ADG613YRU
–40
°C to +125°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
PIN CONFIGURATIONS
TOP VIEW
(Not to Scale)
1
NC = NO CONNECT
IN1
ADG611
ADG612
ADG613
2
D1
3
S1
4
VSS
5
GND
6
S4
7
D4
8
IN4
16
15
14
13
12
11
10
9
IN2
D2
S2
VDD
NC
S3
D3
IN3
Table I. ADG611/ADG612 Truth Table
ADG611 In
ADG612 In
Switch Condition
01
ON
1
0
OFF
Table II. ADG613 Truth Table
Logic
Switch 1, 4
Switch 2, 3
0
OFF
ON
1
ON
OFF
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
16-Lead TSSOP,
θ
JA Thermal Impedance . . . . . . . 150.4
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at IN, S, or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADG611/ADG612/ADG613 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ADG611/ADG612/ADG613



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com