Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG613 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG613
Description  1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG613 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG613 Datasheet HTML 4Page - Analog Devices ADG613 Datasheet HTML 5Page - Analog Devices ADG613 Datasheet HTML 6Page - Analog Devices ADG613 Datasheet HTML 7Page - Analog Devices ADG613 Datasheet HTML 8Page - Analog Devices ADG613 Datasheet HTML 9Page - Analog Devices ADG613 Datasheet HTML 10Page - Analog Devices ADG613 Datasheet HTML 11Page - Analog Devices ADG613 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
ADG611/ADG612/ADG613
–9–
Test Circuits
IDS
V1
SD
VS
RON = V1/IDS
Test Circuit 1. On Resistance
SD
VS
A
A
VD
IS (OFF)
ID (OFF)
Test Circuit 2. Off Leakage
SD
A
VD
ID (ON)
NC
NC = NO CONNECT
Test Circuit 3. On Leakage
VS
IN
SD
GND
RL
300
CL
35pF
VOUT
0.1 F
VDD
VDD
VSS
0.1 F
VSS
ADG612
ADG611
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
Test Circuit 4. Switching Times
S1
D1
IN1,
IN2
VS1
GND
VS2
RL2
300
S2
VIN
D2
ADG613
0.1 F
VDD
VSS
0.1 F
VDD
VSS
CL2
35pF
VOUT2
RL1
300
CL
35pF
VOUT1
tD
50%
50%
90%
90%
90%
90%
0V
0V
0V
VIN
VOUT1
VOUT2
tD
Test Circuit 5. Break-Before-Make Time Delay
VSS
VS
IN
SD
GND
CL
1nF
VOUT
RS
ADG611
ADG612
VIN
VIN
VOUT
OFF
VOUT
ON
QINJ = CL
VOUT
VDD
VSS
VDD
Test Circuit 6. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com