Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG613 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG613
Description  1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG613 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG613 Datasheet HTML 4Page - Analog Devices ADG613 Datasheet HTML 5Page - Analog Devices ADG613 Datasheet HTML 6Page - Analog Devices ADG613 Datasheet HTML 7Page - Analog Devices ADG613 Datasheet HTML 8Page - Analog Devices ADG613 Datasheet HTML 9Page - Analog Devices ADG613 Datasheet HTML 10Page - Analog Devices ADG613 Datasheet HTML 11Page - Analog Devices ADG613 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
ADG611/ADG612/ADG613
–8–
0
0.3
–50
–60
–70
–90
1
10
100
–80
FREQUENCY – MHz
–30
–40
–20
1k
–10
VDD = –5V
VSS = +5V
TA = +25 C
TPC 10. Off Isolation vs. Frequency
0
0.3
–50
–60
–70
–90
1
10
100
–80
FREQUENCY – MHz
–30
–40
–20
1k
–10
VDD = +5V
VSS = –5V
TA = 25 C
–100
TPC 11. Crosstalk vs. Frequency
APPLICATIONS
Figure 1 illustrates a photodetector circuit with programmable
gain. With the resistor values shown in the circuits, and using
different combinations of switches, gains in the range of 2 to 16
can be achieved.
S1
R4
240k
R5
240k
D1
S2
R6
120k
R7
120k
D2
S3
R8
120k
D3
S4
R9
120k
D4
R9
120k
(LSB) IN1
IN2
IN3
(MSB) IN4
GND
2.5V
R3
510k
R1
33k
C1
2.5V
D1
R2
510k
5V
VOUT
5V
GAIN RANGE 2 TO 16
Figure 1. Photodetector Circuit with Programmable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com