Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG613 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG613
Description  1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG613 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG613 Datasheet HTML 3Page - Analog Devices ADG613 Datasheet HTML 4Page - Analog Devices ADG613 Datasheet HTML 5Page - Analog Devices ADG613 Datasheet HTML 6Page - Analog Devices ADG613 Datasheet HTML 7Page - Analog Devices ADG613 Datasheet HTML 8Page - Analog Devices ADG613 Datasheet HTML 9Page - Analog Devices ADG613 Datasheet HTML 10Page - Analog Devices ADG613 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
–7–
Typical Performance Characteristics–ADG611/ADG612/ADG613
250
–5
200
150
100
0
–4
–3
–2
–1
012345
50
4.5V
3.3V
3V
2.7V
5V
5.5V
TA = 25 C
VD, VS – V
TPC 1. On Resistance vs. VD(VS),
Dual Supply
600
0
400
300
200
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
100
VDD = 5V
VSS = 0V
VD, VS – V
+25 C
+85 C
+125 C
–40 C
500
TPC 4. On Resistance vs. VD(VS)
for Different Temperatures,
Single Supply
2.0
0
–0.5
–1.0
–2.0
–1.5
1.0
0.5
1.5
–5
–4
–3
–2
–1
012345
VS – V
VDD = +5V
VSS = –5V
VDD = +5V
VSS = 0V
VDD = +3V
VSS = 0V
TA = 25 C
TPC 7. Charge Injection vs.
Source Voltage
600
0
400
300
200
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
100
VDD = 2.7V
TA = 25 C
VSS = 0V
VD, VS – V
500
VDD = 4.5V
VDD = 3V
VDD = 3.3V
VDD = 5V
TPC 2. On Resistance vs. VD(VS),
Single Supply
2
0
–2
–3
–4
–6
20
40
60
80
100
–5
TEMPERATURE – C
0
–1
1
VDD = +5V
VSS = –5V
120
IS, ID(ON)
ID (OFF)
IS (OFF)
TPC 5. Leakage Currents vs.
Temperature, Dual Supply
0
20
40
60
80
100
TEMPERATURE – C
120
–40 –20
tON,V DD = +5V
VSS = 0V
tON,V DD = +5V
VSS = –5V
tOFF,V DD = +5V
VSS = 0V
tOFF,V DD = +5V
VSS = –5V
120
100
80
60
40
20
0
TPC 8. tON/tOFF Times vs.
Temperature
250
–5
200
150
100
0
–4
–3
–2
–1
012345
50
VDD = +5V
VSS = –5V
VD, VS – V
+25 C
+85 C
+125 C
–40 C
TPC 3. On Resistance vs. VD(VS) for
Different Temperatures, Dual Supply
2
0
–2
–3
–4
–6
20
40
60
80
100
–5
TEMPERATURE – C
0
–1
1
VDD = 5V
VSS = 0V
120
IS, ID(ON)
ID (OFF)
IS (OFF)
TPC 6. Leakage Currents vs.
Temperature, Single Supply
0
0.3
–10
–12
–14
–18
1
10
100
–16
FREQUENCY – MHz
–6
–8
–4
1000
–2
TA = 25 C
VDD = –5V
VSS = +5V
VDD = 5V
VSS = 0V
TPC 9. On Response vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com