Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG708 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG708
Description  CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG708 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG708 Datasheet HTML 3Page - Analog Devices ADG708 Datasheet HTML 4Page - Analog Devices ADG708 Datasheet HTML 5Page - Analog Devices ADG708 Datasheet HTML 6Page - Analog Devices ADG708 Datasheet HTML 7Page - Analog Devices ADG708 Datasheet HTML 8Page - Analog Devices ADG708 Datasheet HTML 9Page - Analog Devices ADG708 Datasheet HTML 10Page - Analog Devices ADG708 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG708/ADG709
–7–
REV. 0
Typical Performance Characteristics–
VD, VS, DRAIN OR SOURCE VOLTAGE – V
8
0
1
234
5
TA = 25 C
VSS = 0V
7
6
5
4
3
2
1
0
VDD = 2.7V
VDD = 3.3V
VDD = 4.5V
VDD = 5.5V
Figure 1. On Resistance as a Function of VD (VS) for Single
Supply
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
8
–3.0
TA = 25 C
7
6
5
4
3
2
0
–2.5 –2.0 –1.5 –1.0 –0.5
1.0
1.5
2.0
2.5
3.0
0.5
0
VDD = +2.25V
VSS = –2.25V
VDD = +2.75V
VSS = –2.75V
VDD = +3.0V
VSS = –3.0V
1
Figure 2. On Resistance as a Function of VD (VS) for Dual
Supply
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
1
23
45
7
6
5
4
3
2
1
0
+85 C
+25 C
–40 C
VDD = 5V
VSS = 0V
8
Figure 3. On Resistance as a Function of VD (VS) for Differ-
ent Temperatures, Single Supply
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0.5
7
6
5
4
3
2
1
0
VDD = 3V
VSS = 0V
1.0
1.5
2.0
2.5
3.0
–40 C
+25 C
+85 C
8
Figure 4. On Resistance as a Function of VD (VS) for Differ-
ent Temperatures, Single Supply
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
7
6
5
4
3
2
1
0
–3.0 –2.5 –2.0 –1.5 –1.0
1.0
1.5
2.0
2.5
0.5
0
VDD = +3.0V
VSS = –3.0V
+85 C
+25 C
–40 C
3.0
8
–0.5
Figure 5. On Resistance as a Function of VD (VS) for Differ-
ent Temperatures, Dual Supply
VD (VS) – Volts
01
0.12
23
4
5
VDD = 5V
VSS = 0V
TA = 25 C
0.08
0.04
0.00
–0.04
–0.08
–0.12
ID (ON)
IS (OFF)
ID (OFF)
Figure 6. Leakage Currents as a Function of VD (VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com