Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG708 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG708
Description  CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG708 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG708 Datasheet HTML 4Page - Analog Devices ADG708 Datasheet HTML 5Page - Analog Devices ADG708 Datasheet HTML 6Page - Analog Devices ADG708 Datasheet HTML 7Page - Analog Devices ADG708 Datasheet HTML 8Page - Analog Devices ADG708 Datasheet HTML 9Page - Analog Devices ADG708 Datasheet HTML 10Page - Analog Devices ADG708 Datasheet HTML 11Page - Analog Devices ADG708 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG708/ADG709
–11–
REV. 0
OUTPUT
3V
50%
ENABLE
DRIVE (VIN)
50%
0V
V0
tON (EN)
0V
0.9V0
0.9V0
tOFF (EN)
A2
D
* SIMILAR CONNECTION FOR ADG709
A1
A0
EN
GND
ADG708*
S1
S2 THRU S8
VIN
35pF
VDD
VSS
VDD
VSS
VS
300
RL
CL
VOUT
50
Test Circuit 7. Enable Delay, tON (EN), tOFF (EN)
LOGIC INPUT
(VIN)
3V
0V
VOUT
QINJ = CL
VOUT
VOUT
A2
VOUT
VDD
D
A1
A0
EN
GND
ADG708*
CL
1nF
VDD
S
VIN
RS
VSS
VSS
VS
*SIMILAR CONNECTION FOR ADG709
Test Circuit 8. Charge Injection
A2
D
A1
A0
EN**
GND
VDD
VDD
50
RL
VOUT
S1
S8
VSS
VSS
VS
* SIMILAR CONNECTION FOR ADG709
** CONNECT TO 2.4V FOR BANDWIDTH MEASUREMENTS
ADG708*
OFF ISOLATION = 20LOG10
VOUT
VS
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
(
)
INSERTION LOSS = 20LOG10
Test Circuit 9. OFF Isolation and Bandwidth
A2
VOUT
VSS
VDD
D
A1
A0
EN
GND
ADG708*
RL
VSS
VSS
S1
VS
S2
S8
2.4V
50
50
* SIMILAR CONNECTION FOR ADG709
CHANNEL-TO-CHANNEL CROSSTALK = 20LOG10
VOUT
VS
Test Circuit 10. Channel-to-Channel Crosstalk
Power-Supply Sequencing
When using CMOS devices, care must be taken to ensure correct
power-supply sequencing. Incorrect power-supply sequencing
can result in the device being subjected to stresses beyond the
maximum ratings listed in the data sheet. Digital and analog
inputs should always be applied after power supplies and ground.
For single supply operation, VSS should be tied to GND as close
to the device as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com