Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG708 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG708
Description  CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG708 Datasheet(HTML) 1 Page - Analog Devices

  ADG708 Datasheet HTML 1Page - Analog Devices ADG708 Datasheet HTML 2Page - Analog Devices ADG708 Datasheet HTML 3Page - Analog Devices ADG708 Datasheet HTML 4Page - Analog Devices ADG708 Datasheet HTML 5Page - Analog Devices ADG708 Datasheet HTML 6Page - Analog Devices ADG708 Datasheet HTML 7Page - Analog Devices ADG708 Datasheet HTML 8Page - Analog Devices ADG708 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG708/ADG709
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
CMOS, 3
Low Voltage
4-/8-Channel Multiplexers
FUNCTIONAL BLOCK DIAGRAMS
S1
S8
A0
D
A1
A2
ADG708
S1A
A0
DA
S4A
S1B
S4B
DB
EN
ADG709
1 OF 4
DECODER
EN
1 OF 8
DECODER
A1
FEATURES
1.8 V to 5.5 V Single Supply
3 V Dual Supply
3
On-Resistance
0.75
On-Resistance Flatness
100 pA Leakage Currents
14 ns Switching Times
Single 8-to-1 Multiplexer ADG708
Differential 4-to-1 Multiplexer ADG709
16-Lead TSSOP Package
Low Power Consumption
TTL/CMOS-Compatible Inputs
APPLICATIONS
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
Battery-Powered Systems
GENERAL DESCRIPTION
The ADG708 and ADG709 are low voltage, CMOS analog
multiplexers comprising eight single channels and four differential
channels respectively. The ADG708 switches one of eight inputs
(S1–S8) to a common output, D, as determined by the 3-bit
binary address lines A0, A1, and A2. The ADG709 switches one
of four differential inputs to a common differential output as
determined by the 2-bit binary address lines A0 and A1. An EN
input on both devices is used to enable or disable the device. When
disabled, all channels are switched OFF.
Low power consumption and operating supply range of 1.8 V to
5.5 V make the ADG708 and ADG709 ideal for battery-powered,
portable instruments. All channels exhibit break-before-make
switching action preventing momentary shorting when switch-
ing channels.
These switches are designed on an enhanced submicron process
that provides low power dissipation yet gives high switching
speed, very low on-resistance and leakage currents. On-resistance
is in the region of a few ohms and is closely matched between
switches and very flat over the full signal range. These parts can
operate equally well as either Multiplexers or Demultiplexers,
and have an input signal range that extends to the supplies.
The ADG708 and ADG709 are available in a 16-lead TSSOP
package.
PRODUCT HIGHLIGHTS
1. Single/Dual Supply Operation. The ADG708 and ADG709
are fully specified and guaranteed with 3 V and 5 V single
supply and
±3 V dual supply rails.
2. Low RON (3
Ω Typical).
3. Low Power Consumption (<0.01
µW).
4. Guaranteed Break-Before-Make Switching Action.
5. Small 16-Lead TSSOP Package.


Similar Part No. - ADG708

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708 AD-ADG708 Datasheet
332Kb / 20P
CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG708BRU AD-ADG708BRU Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708BRU AD-ADG708BRU Datasheet
332Kb / 20P
CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG708BRU-REEL AD-ADG708BRU-REEL Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708BRU-REEL AD-ADG708BRU-REEL Datasheet
332Kb / 20P
CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
More results

Similar Description - ADG708

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
CMOS 4/8 Channel Analog Multiplexers
REV.B
ADG706 AD-ADG706 Datasheet
154Kb / 11P
CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV.0
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
logo
Analog Devices
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com