Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG708 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG708
Description  CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG708 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG708 Datasheet HTML 4Page - Analog Devices ADG708 Datasheet HTML 5Page - Analog Devices ADG708 Datasheet HTML 6Page - Analog Devices ADG708 Datasheet HTML 7Page - Analog Devices ADG708 Datasheet HTML 8Page - Analog Devices ADG708 Datasheet HTML 9Page - Analog Devices ADG708 Datasheet HTML 10Page - Analog Devices ADG708 Datasheet HTML 11Page - Analog Devices ADG708 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG708/ADG709
–10–
REV. 0
VS8
3V
50%
tTRANSITION
90%
90%
ADDRESS
DRIVE (VIN)
50%
0V
VS1
VOUT
tTRANSITION
A2
D
* SIMILAR CONNECTION FOR ADG709
A1
A0
EN
GND
ADG708*
S1
S8
S2 THRU S7
VIN
2.4V
50
35pF
VDD
VSS
VDD
VSS
VS1
VS8
300
RL
CL
VOUT
Test Circuit 5. Switching Time of Multiplexer, tTRANSITION
tOPEN
3V
80%
80%
ADDRESS
DRIVE (VIN)
0V
VOUT
A2
D
* SIMILAR CONNECTION FOR ADG709
A1
A0
EN
GND
ADG708*
S1
S8
S2 THRU S7
VIN
2.4V
50
35pF
VDD
VSS
VDD
VSS
VS
300
RL
CL
VOUT
Test Circuit 6. Break-Before-Make Delay, tOPEN
Test Circuits
RON = V1/IDS
VS
V1
IDS
D
S
Test Circuit 1. On Resistance
VD
A
0.8V
D
IS(OFF)
VSS
VDD
VSS
VDD
S1
S2
S8
EN
GND
VS
Test Circuit 2. IS (OFF)
VS
A
0.8V
D
ID (OFF)
VSS
VDD
VSS
VDD
S1
S2
S8
EN
GND
VD
Test Circuit 3. I
D (OFF)
A
2.4V
D
ID (ON)
VSS
VDD
VSS
VDD
S1
S8
EN
GND
VD
VS
Test Circuit 4. I
D (ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com