Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2620T-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2620T-R
Description  2.4 GHz Wireless LAN/BT Front End Preliminary
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2620T-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2620T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATA SHEET
SE2620T: 2.4 GHz Wireless LAN/BT Front End
Preliminary
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com www.skyworksinc.com
DST-00482  Rev 1.4 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 16, 2012
3 of 13
Pin Out Description
Pin No.
Name
Description
1
Vcc2
PA Positive Power supply
2
DET
Power Detector Output
3
Vcc1
PA Positive Power supply
4
TX
Transmit port
5
NU
Pin Not Used. Open circuit in the package
6
PEN
PA enable control input
7
GND
Ground
8
RX
Receive port
9
VDD
LNA and Switch Positive Power supply
10
LEN
LNA enable control input
11
CRX
Receive antenna switch control
12
BT
Bluetooth port
13
CBT
Bluetooth antenna switch control
14
GND
Ground
15
ANT
Antenna port
16
NU
Pin Not Used. Open circuit in the package
Die paddle
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com