Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2620T-R Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # SE2620T-R
Description  2.4 GHz Wireless LAN/BT Front End Preliminary
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2620T-R Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button SE2620T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
DATA SHEET
SE2620T: 2.4 GHz Wireless LAN/BT Front End
Preliminary
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com www.skyworksinc.com
DST-00482  Rev 1.4 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 16, 2012
12 of 13
Document Change History
Revision
Date
Notes
1.0
Apr-19-2011
Initial Release
1.1
May-17-2011
Updated PA supply voltage options in “Features” section.
1.2
Nov-14-2011
Updated Maximum Input Power limit
Report complete 5V operation under TX and Detector Characteristics
Add RX characteristics in the presence of a 5GHz jammer.
Add TX leakage at the RXOUT port, under maximum TX output drive
1.3
Jan- 03- 2012
Updated 5V supply limit
Updated harmonics
1.4
Apr-16-2012
Updated with Skyworks logo and disclaimer statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com