Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2620T-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2620T-R
Description  2.4 GHz Wireless LAN/BT Front End Preliminary
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2620T-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2620T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DATA SHEET
SE2620T: 2.4 GHz Wireless LAN/BT Front End
Preliminary
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com www.skyworksinc.com
DST-00482  Rev 1.4 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 16, 2012
6 of 13
AC Electrical Characteristics
802.11g Transmit Characteristics
Conditions: VCC = PEN = VDD = 3.3 V, CBT = LEN = CRX = 0V, TA = 25
C, as measured on Skyworks Solutions’
SE2620T-EK1 evaluation board, all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
2.4
-
2.5
GHz
Pout
Output Power
54Mbps, OFDM, 64 QAM, EVM = 3%
-
18
-
dBm
11Mbps, CCK, BT = 0.45, Mask
-
20
-
S21
Small Signal Gain
-
26
dB
ΔS21
Small Signal Gain
Variation Over
Band
-
-
-
2.0
dBpp
2f, 3f
Harmonics
POUT = 20 dBm, 1 Mbps, 802.11b
-
-42
-
dBm/MHz
Pout = 18dBm, OFDM, 64QAM
-
-
-45
tdr, tdf
Delay and rise/fall
Time
50 % of VPEN edge and 90/10 % of
final output power level
-
-
400
Nsec
S11
Input Return Loss
TX port
-
-12
-10
dB
STAB
Stability
CW, Pin = -2 dBm, 0.1 GHz – 20 GHz
Load VSWR = 6:1
All non-harmonically related outputs
less than -43 dBm/MHz
RGGD
Ruggedness
CW, PIN = 5 dBm, 0.1 GHz – 20 GHz
Load VSWR = 10:1
No permanent damage or
performance degradation
Conditions: VCC = 5.0V, PEN = VDD = 3.3 V, CBT = LEN = CRX = 0V, TA = 25
C, as measured on Skyworks Solutions’
SE2620T-EK1 evaluation board, all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
2.4
-
2.5
GHz
Pout
Output Power,
VCC = 5.0V
54Mbps, OFDM, 64 QAM, EVM = 3%
-
21
-
dBm
11Mbps, CCK, BT = 0.45, Mask
-
21
-
S21
Small Signal Gain
-
26
dB
ΔS21
Small Signal Gain
Variation Over Band
-
-
-
2.0
dBpp
2f, 3f
Harmonics
POUT = 21 dBm, 1 Mbps, 802.11b
-
-37
-
dBm/MHz
POUT = 21 dBm, OFDM, 64QAM
-
-45
tdr, tdf
Delay and rise/fall
Time
50 % of VPEN edge and 90/10 % of
final output power level
-
-
400
nsec
S11
Input Return Loss
TX port
-
-12
-10
dB
STAB
Stability
CW, Pin = -2 dBm, 0.1 GHz – 20 GHz
Load VSWR = 6:1
All non-harmonically related outputs
less than -43 dBm/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com