Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2620T-R Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SE2620T-R
Description  2.4 GHz Wireless LAN/BT Front End Preliminary
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2620T-R Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SE2620T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2620T-R Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DATA SHEET
SE2620T: 2.4 GHz Wireless LAN/BT Front End
Preliminary
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com www.skyworksinc.com
DST-00482  Rev 1.4 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 16, 2012
7 of 13
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
RGGD
Ruggedness
CW, PIN = 0 dBm, 0.1 GHz – 20 GHz
Load VSWR = 10:1
No permanent damage or
performance degradation
Bluetooth Characteristics
Conditions: VCC = 5.0V or 3.3V, CBT = VDD = 3.3V, CRX = LEN = PEN = 0V, TA = 25
C, as measured on Skyworks
Solutions’ SE2620T-EK1 evaluation board, all unused ports terminated with 50 ohms, unless otherwise
noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
2400
-
2500
MHz
BTIL
Insertion Loss
-
0.5
0.8
dB
S11
BT Port Return Loss
-12
dB
ISOLSW
Switch Isolation
24
dB
2.4 GHz Receive Characteristics
Conditions: VCC = 5.0V or 3.3V, LEN = CRX = VDD = 3.3V, PEN = CBT = 0 V, TA = 25
C, as measured on Skyworks
Solutions’ SE2620T-EK1 evaluation board, all unused ports terminated with 50 ohms, unless otherwise
noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
2400
-
2500
MHz
S21
Receive Gain, LNA
enabled.
In Band – 2.4 – 2.5 GHz
11
13
15
dB
4.9 – 5.9 GHz
-
-8
-
ΔS21
Gain Variation
2400 – 2485 MHz, Over
any 20MHz band
-
-
0.5
dB
NF
Noise Figure
-
1.8
-
dB
IIP3
Third Order Intercept
-
5
-
dBm
S11
Input Return Loss
-
-
-10
-
dB
S22
Output Return Loss
-
-10
-
dB
IP1dB
Input P1dB
CW
-6
-5
dBm
TXLEAK
Transmit Power at
RX Output
PEN = VDD = 3.3 V,
CBT = LEN = CRX = 0V
24dBm at the ANT port
-
-
-15
dBm
RX5int
Max 5GHz Interferer
Amplitude
<0.1dB degradation of
gain or NF at 2.4 – 2.5
GHz
-
-
0
dBm
TEN
Enable Time
10% to 90% of RX RF
power, from time that LEN
is at 50%
-
-
400
nsec
S21-BYP
Receive Gain, LNA
LEN = 0 V
-5
-3
-1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com