Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM663 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM663
Description  Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM663 Datasheet(HTML) 6 Page - Analog Devices

  ADM663 Datasheet HTML 1Page - Analog Devices ADM663 Datasheet HTML 2Page - Analog Devices ADM663 Datasheet HTML 3Page - Analog Devices ADM663 Datasheet HTML 4Page - Analog Devices ADM663 Datasheet HTML 5Page - Analog Devices ADM663 Datasheet HTML 6Page - Analog Devices ADM663 Datasheet HTML 7Page - Analog Devices ADM663 Datasheet HTML 8Page - Analog Devices ADM663 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
REV. 0
–6–
ADM663A/ADM666A
Temperature Proportional Output
The ADM663A contains a VTC output with a positive tempera-
ture coefficient of +2.5 mV/
°C. This may be connected to the
summing junction of the error amplifier (VSET) through a resis-
tor resulting in a negative temperature coefficient at the output
of the regulator. This is especially useful in multiplexed LCD
displays to compensate for the inherent negative temperature
coefficient of the LCD threshold. At +25
°C the voltage at the
VTC output is typically 0.9 V. The equations for setting both
the output voltage and the tempco are given below. If this func-
tion is not being used, then VTC should be left unconnected.
VOUT = VSET 1 +
R2
R1


+
R2
R3
V SET − VTC
()
TCV OUT =
– R2
R3
TCV TC
()
where VSET = +1.3 V, VTC = +0.9 V, TCVTC = +2.5 mV/°C
R3
R1
R2
ADM663A
V
TC
V
SET
SENSE
V
OUT2
V
OUT
Figure 8. ADM663A Temperature Proportional Output
APPLICATION HINTS
Input-Output (Dropout Voltage)
A regulator’s minimum input-output differential or dropout
voltage determines the lowest input voltage for a particular out-
put voltage. The ADM663A/ADM666A dropout voltage is 1 V
at its rated output current. For example when used as a fixed
+5 V regulator, the minimum input voltage is +6 V. At lower
output currents (IOUT < 10 mA) on the ADM663A, VOUT1 may
be used as the output driver in order to achieve lower dropout
voltages. In this case the dropout voltage depends on the voltage
drop across the internal FET transistor. This may be calculated
by multiplying the FET’s saturation resistance by the output
current, for example with VIN = 9 V, RSAT = 20
Ω. Therefore,
the dropout voltage for 5 mA is 100 mV. As the current limit
circuitry is referenced to VOUT2, VOUT2 should be connected to
VOUT1. For high current operation VOUT2 should be used alone
and VOUT1 left unconnected.
GND
ADM663A
SENSE
V
OUT2
V
IN
V
SET
SHDN
+5V
OUTPUT
+6V TO +16V
INPUT
V
OUT1
Figure 9. Low Current, Low Dropout Configuration
Thermal Considerations
The ADM663A/ADM666A can supply up to 100 mA load cur-
rent and can operate with input voltages up to 16.5 V, but the
package power dissipation and hence the die temperature must
be kept within the maximum limits. The package power dissi-
pation is calculated from the product of the voltage differential
across the regulator times the current being supplied to the load.
The power dissipation must be kept within the maximum limits
given in the Absolute Maximum Ratings section.
PD = (VIN–VOUT)(IL)
The die temperature is dependent on both the ambient tempera-
ture and on the power being dissipated by the device. The
ADM663A/ADM666A contains an internal thermal limiting cir-
cuit which will shut down the regulator if the internal die tem-
perature exceeds 125
°C. Therefore, care must be taken to
ensure that, under normal operating conditions, the die tem-
perature is kept below the thermal limit.
TJ = TA + PD (θJA)
This may be expressed in terms of power dissipation as follows:
PD = (TJ – TA)/(θJA)
where:
TJ = Die Junction Temperature (°C)
TA = Ambient Temperature (°C)
PD = Power Dissipation (W)
θ
JA = Junction to Ambient Thermal Resistance (°C/W)
If the device is being operated at the maximum permitted ambi-
ent temperature of 85
°C the maximum power dissipation per-
mitted is:
PD (max) = (TJ (max) – TA)/(
θ
JA)
PD (max) = (125 – 85)/(
θ
JA)
= 40/
θ
JA
θ
JA = 120
°C/W for the 8-pin DIP (N-8) package
θ
JA = 170
°C/W for the 8-pin SOIC (R-8) package
Therefore, for a maximum ambient temperature of 85
°C
PD (max) = 333 mW for N-8
PD (max) = 235 mW for R-8
At lower ambient temperatures the maximum permitted power
dissipation increases accordingly up to the maximum limits
specified in the absolute maximum specifications.
The thermal impedance (
θ
JA) figures given are measured in still
air conditions and are reduced considerably where fan assisted
cooling is employed. Other techniques for reducing the thermal
impedance include large contact pads on the printed circuit
board and wide traces. The copper will act as a heat exchanger
thereby reducing the effective thermal impedance.
High Power Dissipation Recommendations
Where excessive power dissipation due to high input-output dif-
ferential voltages and or high current conditions exists, the sim-
plest method of reducing the power requirements on the
regulator is to use a series dropper resistor. In this way the ex-
cess power can be dissipated in the external resistor. As an ex-
ample, consider an input voltage of +12 V and an output
voltage requirement of +5 V @ 100 mA with an ambient tem-
perature of +85
°C. The package power dissipation under these
conditions is 700 mW which exceeds the maximum ratings. By
using a dropper resistor to drop 4 V, the power dissipation re-
quirement for the regulator is reduced to 300 mW which is
within the maximum specifications for the N-8 package at



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com