Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM663 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM663
Description  Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM663 Datasheet(HTML) 1 Page - Analog Devices

  ADM663 Datasheet HTML 1Page - Analog Devices ADM663 Datasheet HTML 2Page - Analog Devices ADM663 Datasheet HTML 3Page - Analog Devices ADM663 Datasheet HTML 4Page - Analog Devices ADM663 Datasheet HTML 5Page - Analog Devices ADM663 Datasheet HTML 6Page - Analog Devices ADM663 Datasheet HTML 7Page - Analog Devices ADM663 Datasheet HTML 8Page - Analog Devices ADM663 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Tri-Mode: +3.3 V, +5 V, Adjustable
Micropower Linear Voltage Regulators
ADM663A/ADM666A*
FEATURES
Tri-Mode Operation
3.3 V, 5 V Fixed or +1.3 V to +16 V Adjustable
Low Power CMOS: 9
µA max Quiescent Current
High Current 100 mA Output
Low Dropout Voltage
Upgrade for ADM663/ADM666
“Small” 0.1
µF Output Capacitor (0805 Style)
+2 V to +16.5 V Operating Range
Low Battery Detector ADM666A
No Overshoot on Power-Up
Thermal Shutdown
APPLICATIONS
Handheld Instruments
LCD Display Systems
Pagers
Battery Operated Equipment
GENERAL DESCRIPTION
The ADM663A/ADM666A are precision linear voltage regula-
tors featuring a maximum quiescent current of 9
µA. They can
be used to give a fixed +3.3 V or +5 V output with no additional
external components or can be adjusted from 1.3 V to 16 V
using two external resistors. Fixed or adjustable operation is au-
tomatically selected via the VSET input. The low quiescent cur-
rent makes these devices especially suitable for battery powered
systems. The input voltage range is 2 V to 16.5 V, and an out-
put current up to 100 mA is provided. Current limiting may be
set using a single external resistor. For additional safety, an
internal thermal shutdown circuit monitors the internal die
temperature.
The ADM666A features additional low battery monitoring cir-
cuitry to detect for low battery voltages.
The ADM663A/ADM666A are pin compatible enhancements
for the ADM663/ADM666. Improvements include an addi-
tional 3.3 V output range, higher output current, and operation
with a small output capacitor.
The ADM663A/ADM666A are available in an 8-pin DIP and
narrow surface mount (SOIC) packages.
*Patent pending.
FUNCTIONAL BLOCK DIAGRAMS
50mV
V
IN
ADM663A
SHDN
GND
V
TC
V
SET
V
OUT1
V
OUT2
SENSE
C2
1.3V
0.5V
C1
A2
A1
C3
D
E
C
O
D
E
R
V
IN–50mV
0.9V
R2
R1
R3
50mV
V
IN
ADM666A
SHDN
GND
LBO
V
SET
V
OUT
SENSE
C2
1.3V
0.5V
C1
C4
A1
C3
D
E
C
O
D
E
R
V
IN–50mV
1.3 V
LBI
R2
R1
R3


Similar Part No. - ADM663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM663A AD-ADM663A Datasheet
279Kb / 9P
Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
More results

Similar Description - ADM663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
logo
ON Semiconductor
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
Adjustable Micropower Voltage Regulators
logo
Analog Devices
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
ON Semiconductor
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com