Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM663 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM663
Description  Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM663 Datasheet(HTML) 7 Page - Analog Devices

  ADM663 Datasheet HTML 1Page - Analog Devices ADM663 Datasheet HTML 2Page - Analog Devices ADM663 Datasheet HTML 3Page - Analog Devices ADM663 Datasheet HTML 4Page - Analog Devices ADM663 Datasheet HTML 5Page - Analog Devices ADM663 Datasheet HTML 6Page - Analog Devices ADM663 Datasheet HTML 7Page - Analog Devices ADM663 Datasheet HTML 8Page - Analog Devices ADM663 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ADM663A/ADM666A
REV. 0
–7–
+85
°C. The resistor value is calculated as R = 4/0.1 = 40 Ω. A
resistor power rating of 400 mW or greater may be used.
Bypass Capacitors
The high frequency performance of the ADM663A/ADM666A
may be improved by decoupling the ouput using a filter capaci-
tor. A capacitor of 0.1
µF is suitable.
Typical Performance Characteristics
0.01
0.1
10000
1000
100
10
1
80
40
0
20
60
FREQUENCY – Hz
V
INDC = +9V
V
IN p-p = +2V
V
OUTDC = +5V
T
A = +25°C
Figure 10. Power Supply Rejection Ratio vs. Frequency
2.0
0
20
0.6
0.2
2
0.4
0
1.2
0.8
1.0
1.4
1.6
1.8
18
16
14
12
10
8
6
4
IOUT1 – mA
V
IN = +2V
T
A = +25°C
V
IN = +9V
V
IN = +15V
Figure 11. VOUT1 Input-Output Differential vs.
Output Current
12
0
16
6
2
4
4
2
10
8
14
10
8
612
VIN – Volts
TA = +25°C
VOUT = +5V
VOUT = +3.3V
Figure 12. Quiescent Current vs. Input Voltage
50
10
0
1.0
0
0.3
0.1
0.2
0.6
0.4
0.5
0.7
0.8
0.9
40
30
20
I
OUT2 – mA
V
IN = +2V
T
A = +25°C
V
IN = +9V
V
IN = +15V
Figure 13. VOUT2 Input-Output Differential vs.
Output Current
An input capacitor helps reduce noise, improves dynamic per-
formance and reduces the input dV/dt at the regulator input. A
suitable input capacitor is 0.1
µF or greater.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com