Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM663 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM663
Description  Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM663 Datasheet(HTML) 2 Page - Analog Devices

  ADM663 Datasheet HTML 1Page - Analog Devices ADM663 Datasheet HTML 2Page - Analog Devices ADM663 Datasheet HTML 3Page - Analog Devices ADM663 Datasheet HTML 4Page - Analog Devices ADM663 Datasheet HTML 5Page - Analog Devices ADM663 Datasheet HTML 6Page - Analog Devices ADM663 Datasheet HTML 7Page - Analog Devices ADM663 Datasheet HTML 8Page - Analog Devices ADM663 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
REV. 0
–2–
(VIN = +9 V, TA = TMIN to TMAX, unless otherwise noted)
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
Input Voltage, VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . +18 V
Terminal Voltage
(ADM663A) Pins 1, 3, 5, 6, 7
. . . . . . . . . . . . . . . . . . . . . . (GND – 0.3 V) to (VIN + 0.3 V)
(ADM666A) Pins 1, 2, 3, 5, 6
. . . . . . . . . . . . . . . . . . . . . . . (GND – 0.3 V) to (VIN + 0.3 V)
(ADM663A) Pin 2 . . . . . . . . (GND – 0.3 V) to (VOUT1 + 0.3 V)
(ADM666A) Pin 7 . . . . . . . . . . . . . . (GND – 0.3 V) to +16.5 V
Output Source Current
(ADM663A, ADM666A) Pin 2 . . . . . . . . . . . . . . . . . . 100 mA
(ADM663A) Pin 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 mA
Output Sink Current, Pin 7 . . . . . . . . . . . . . . . . . . . . . . –20 mA
Power Dissipation, N-8 . . . . . . . . . . . . . . . . . . . . . . . . 800 mW
(Derate 8.3 mW/
°C above +30°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . 120
°C/W
ADM663A/ADM666A–SPECIFICATIONS
Power Dissipation, R-8 . . . . . . . . . . . . . . . . . . . . . . . . 570 mW
(Derate 6 mW/
°C above +30°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 170°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >5000 V
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Input Voltage, VIN
2.0
16.5
V
Quiescent Current, IQ
69
µA
No Load, VIN = +16.5 V
Output Voltage, VOUT(2) (+5 V Mode)
4.75
5.0
5.25
V
VSET = GND
Output Voltage, VOUT(2) (+3.3 V Mode)
3.135
3.3
3.465
V
VSET = VIN
Dropout Voltage, VDO
0.75
0.9
V
IOUT = 40 mA, VOUT = +14.5 V
Dropout Voltage, VDO
1.0
1.2
V
IOUT = 100 mA, VOUT = +14.5 V
Line Regulation (
∆V
OUT(2)/
∆V
IN)
0.03
0.35
%/V
+2 V
≤ V
IN
≤ +15 V, V
OUT = VREF
Load Regulation
VIN = (VOUT +3 V), 1 mA
≤ I
OUT(2)
≤ 100 mA
∆V
OUT(2);(∆VOUT(2)/∆IOUT(2))
0.3
1.0
Ω
VSET = GND (Fixed +5 V Output)
0.15
0.35
Ω
VSET = VIN (Fixed +3.3 V Output)
0.15
0.30
Ω
VSET = Resistive Divider (Adjustable Output)
∆V
OUT1;(∆VOUT1/∆IOUT1)
0.25
1.2
Ω
ADM663A, 50
µA ≤ I
OUT1 ≤ 10 mA
Reference Voltage, VSET
1.27
1.33
V
TA = +25
°C, V
OUT = VSET
Reference Tempco (
∆V
SET/
∆T)
±100
ppm/
°C
VSET Internal Threshold
VF/A Low
50
mV
VSET < VF/A Low for +5 V Output
VF/A High
VIN – 50
mV
VSET > VF/A High for +3.3 V Output
VSET Input Current, ISET
±0.01
±10
nA
Shutdown Input Voltage, VSHDN
1.4
V
VSHDN High = Output Off
0.3
V
VSHDN Low = Output On
Shutdown Input Current, ISHDN
±0.01
±10
nA
SENSE Input Threshold, VOUT – VSENSE
0.5
V
Current Limit Threshold
SENSE Input Resistance, RSENSE
3M
Ω
Input-Output Saturation Resistance, RSAT
ADM663A, VOUT1
200
400
Ω
VIN = +2 V, IOUT = 1 mA
20
40
Ω
VIN = +9 V, IOUT = 10 mA
20
30
Ω
VIN = +15 V, IOUT = 10 mA
Output Current, IOUT(2)
100
mA
+3 V
≤ V
IN
≤ +16.5 V, V
IN – VOUT = +1.5 V
Minimum Load Current, IL (MIN)
1.0
µA
LBI Input Threshold
Low Going
1.1
1.26
V
ADM666A
High Going
1.29
1.42
V
ADM666A
Hysteresis
30
mV
ADM666A
LBI Input Current, ILBI
±0.01
±10
nA
ADM666A
LBO Output Saturation Resistance, RSAT
20
30
Ω
ADM666A, ISAT = 2 mA
LBO Output Leakage Current
0.2
nA
ADM666A, LBI = 1.4 V
VTC Open Circuit Voltage, VTC
0.9
V
ADM663A
VTC Sink Current, ITC
8.0
2.0
mA
ADM663A
VTC Temperature Coefficient
+2.5
mV/
°C
ADM663A
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com