Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM706P Datasheet(PDF) 5 Page - Analog Devices

Part # ADM706P
Description  3 V, Voltage Monitoring uP Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706P Datasheet(HTML) 5 Page - Analog Devices

  ADM706P Datasheet HTML 1Page - Analog Devices ADM706P Datasheet HTML 2Page - Analog Devices ADM706P Datasheet HTML 3Page - Analog Devices ADM706P Datasheet HTML 4Page - Analog Devices ADM706P Datasheet HTML 5Page - Analog Devices ADM706P Datasheet HTML 6Page - Analog Devices ADM706P Datasheet HTML 7Page - Analog Devices ADM706P Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
–5–
ADM706P/R/S/T, ADM708R/S/T
WATCHDOG
TRANSITION
DETECTOR
WATCHDOG
TIMER
1.25V
VREF*
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
POWER FAIL
OUTPUT (
PFO)
WATCHDOG
OUTPUT(
WDO)
RESET,
(P = RESET)
*VOLTAGE REFERENCE = 2.63V (P/R), 2.93V (S), 3.08V (T)
ADM706
RESET &
WATCHDOG
TIMEBASE
RESET
GENERATOR
MR
VCC
70 A
VCC
Figure 1. ADM706 Functional Block Diagram
1.25V
VREF*
POWER FAIL
INPUT (PFI)
POWER FAIL
OUTPUT (
PFO)
RESET
*VOLTAGE REFERENCE = 2.63V (R), 2.93V (S), 3.08V (T)
ADM708
RESET
GENERATOR
MR
VCC
70 A
VCC
RESET
Figure 2. ADM708 Functional Block Diagram
CIRCUIT INFORMATION
Power Fail Reset
The reset output provides a reset (
RESET or RESET) output
signal to the Microprocessor whenever the VCC input is below
the reset threshold. The actual reset threshold voltage is depen-
dent on whether a P/R, S, or T suffix device is used. An internal
timer holds the reset output active for 200 ms after the voltage
on VCC rises above the threshold. This is intended as a power-on
reset signal for the microprocessor. It allows time for both the
power supply and the microprocessor to stabilize after power-
up. If a power supply brownout or interruption occurs, the reset
line is similarly activated and remains active for 200 ms after the
supply recovers. If another interruption occurs during an active
reset period, then the reset timeout period continues for an ad-
ditional 200 ms.
The reset output is guaranteed to remain valid with VCC as low
as 1 V. This ensures that the microprocessor is held in a stable
shutdown condition as the power supply starts up.
The ADM706P provides an active high reset (RESET) signal;
the ADM706R/S/T provides an active low (
RESET) signal;
while the ADM708R/S/T provides both RESET and
RESET.
Manual Reset
The manual reset input (
MR) allows other reset sources such as
a manual reset switch to generate a processor reset. The input is
effectively debounced by the timeout period (200 ms typical).
The
MR input is TTL/CMOS compatible so it may also be
driven by any logic reset output. If unused, the
MR input may
be tied high or left floating.
VCC
RESET
MR
WDO
VRT
VRT
t
RS
t
RS
MR EXTERNALLY
DRIVEN LOW
NOTE: RESET = COMPLEMENT OF
RESET
Figure 3.
RESET, MR and WDO Timing
Watchdog Timer (ADM706)
The watchdog timer circuit may be used to monitor the activity
of the microprocessor in order to check that it is not stalled in
an indefinite loop. An output line on the processor is used to
toggle the Watchdog Input (WDI) line. If this line is not toggled
within the timeout period (1.6 sec), the watchdog output
(
WDO) is driven low. The WDO output may be connected to a
nonmaskable interrupt (NMI) on the processor. Therefore, if
the watchdog timer times out, an interrupt is generated. The in-
terrupt service routine should then be used to rectify the
problem.
The watchdog timer is cleared by either a high-to-low or by a
low-to-high transition on WDI. Pulses as narrow as 50 ns are
detected. The timer is also cleared by RESET/
RESET going
active. Therefore the watchdog timeout period begins after reset
goes inactive.
When VCC falls below the reset threshold, WDO is forced low
whether or not the watchdog timer has timed out. Normally
this would generate an interrupt but it is overridden by RESET/
RESET going active.
The watchdog monitor can be deactivated by floating the
Watchdog Input (WDI). The
WDO output can now be used as
a low line output since it will only go low when VCC falls below
the reset threshold.
t
WP
t
WD
WDI
WDO
RESET
t
RS
RESET EXTERNALLY
TRIGGERED BY
MR
t
WD
t
WD
Figure 4. Watchdog Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com