Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM706P Datasheet(PDF) 8 Page - Analog Devices

Part # ADM706P
Description  3 V, Voltage Monitoring uP Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706P Datasheet(HTML) 8 Page - Analog Devices

  ADM706P Datasheet HTML 1Page - Analog Devices ADM706P Datasheet HTML 2Page - Analog Devices ADM706P Datasheet HTML 3Page - Analog Devices ADM706P Datasheet HTML 4Page - Analog Devices ADM706P Datasheet HTML 5Page - Analog Devices ADM706P Datasheet HTML 6Page - Analog Devices ADM706P Datasheet HTML 7Page - Analog Devices ADM706P Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. A
–8–
ADM706P/R/S/T, ADM708R/S/T
Microprocessor activity is monitored using the WDI input. This
is driven using an output line from the processor. The software
routines should toggle this line at least once every 1.6 seconds.
If a problem occurs and this line is not toggled, then WDO goes
low and a nonmaskable interrupt is generated. This interrupt
routine may be used to clear the problem.
If, in the event of inactivity on the WDI line, a system reset is
required, then the
WDO output should be connected to the
input as shown in Figure 16.
ADM706
RESET
GND
I/O LINE
P
MR
PFI
WDI
WDO
RESET
Figure 16.
RESET from WDO
Monitoring Additional Supply Levels
It is possible to use the power-fail comparator to monitor a
second supply as shown in Figure 17. The two sensing resistors
R1 and R2 are selected such that the voltage on PFI drops below
1.25 V at the minimum acceptable input supply. The
PFO output
may be connected to the
MR input so that a RESET is gener-
ated when the supply drops out of tolerance. In this case if
either supply drops out of tolerance, a RESET will be generated.
ADM706
RESET
GND
P
MR
PFI
WDI
PFO
RESET
VCC
R1
R2
VX
+3V/+3.3V
Figure 17. Monitoring 3 V/3.3 V and an Additional
Supply, VX
Ps with Bidirectional
RESET
In order to prevent contention for microprocessors with a bidi-
rectional reset line, a current limiting resistor should be inserted
between the ADM70x
RESET output pin and the
µP reset pin.
This will limit the current to a safe level if there are conflicting
output reset levels. A suitable resistor value is 4.7 k
Ω. If the re-
set output is required for other uses, then it should be buffered
as shown in Figure 18.
ADM70x
RESET
GND
P
RESET
GND
BUFFERED
RESET
+3V/+3.3V
VCC
Figure 18. Bidirectional I-O RESET
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead SOIC
(SO-8)
8-Lead Plastic DIP
(N-8)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.160 (4.06)
0.115 (2.93)
0.070 (1.77)
0.045 (1.15)
0.130
(3.30)
MIN
8
14
5
PIN 1
0.280 (7.11)
0.240 (6.10)
0.100 (2.54)
BSC
0.430 (10.92)
0.348 (8.84)
0.195 (4.95)
0.115 (2.93)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com