Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM706P Datasheet(PDF) 6 Page - Analog Devices

Part # ADM706P
Description  3 V, Voltage Monitoring uP Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706P Datasheet(HTML) 6 Page - Analog Devices

  ADM706P Datasheet HTML 1Page - Analog Devices ADM706P Datasheet HTML 2Page - Analog Devices ADM706P Datasheet HTML 3Page - Analog Devices ADM706P Datasheet HTML 4Page - Analog Devices ADM706P Datasheet HTML 5Page - Analog Devices ADM706P Datasheet HTML 6Page - Analog Devices ADM706P Datasheet HTML 7Page - Analog Devices ADM706P Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
–6–
ADM706P/R/S/T, ADM708R/S/T
V MID 1.25
R1
+ R2
R2


Valid RESET Below 1 V V
CC
The ADM70x family of products are guaranteed to provide a
valid reset level with VCC as low as 1 V. Please refer to the Typi-
cal Performance Characteristics. As VCC drops below 1 V, the
internal transistor will not have sufficient drive to hold it ON so
the voltage on
RESET will no longer be held at 0 V. A pull-
down resistor as shown in Figure 7 may be connected externally
to hold the line low if it is required.
ADM70x
GND
RESET
R1
Figure 7.
RESET Valid Below 1 V
Power-Fail Comparator
The power-fail comparator is an independent comparator which
may be used to monitor the input power supply. The compara-
tor’s inverting input is internally connected to a 1.25 V reference
voltage. The noninverting input is available at the PFI input.
This input may be used to monitor the input power supply via a
resistive divider network. When the voltage on the PFI input drops
below 1.25 V, the comparator output (
PFO) goes low indicating
a power failure. For early warning of power failure the compara-
tor may be used to monitor the preregulator input simply by
choosing an appropriate resistive divider network. The
PFO output
can be used to interrupt the processor so that a shutdown proce-
dure is implemented before the power is lost.
INPUT
POWER
R1
R2
POWER-FAIL
INPUT
1.25V
PFI
PFO
ADM70x
POWER-FAIL
OUTPUT
Figure 5. Power-Fail Comparator
Adding Hysteresis to the Power-Fail Comparator
For increased noise immunity, hysteresis may be added to the
power-fail comparator. Since the comparator circuit is nonin-
verting, hysteresis can be added simply by connecting a resistor
between the
PFO output and the PFI input as shown in Figure
6. When
PFO is low, resistor R3 sinks current from the sum-
ming junction at the PFI pin. When
PFO is high, resistor R3
sources current into the PFI summing junction. This results in
differing trip levels for the comparator. Further noise immunity
may be achieved by connecting a capacitor between PFI and GND.
INPUT
POWER
R1
R2
1.25V
PFI
PFO
TO
P NMI
ADM70x
R3
ADM663A
+3.3V
VCC
3.3V
PFO
0V
0V
VL
VIN
VH
Figure 6. Adding Hysteresis to the Power-Fail
Comparator
V H = 1.25 1 +
R2
+ R3
R2
× R3


R1
V L = 1.25 + R1
1.25
R2
–
VCC –1.25
R 3


VCC
RESET
400ms/DIV
Figure 8. ADM706/ADM708
RESET Output Voltage vs.
Supply Voltage
VCC
RESET
400ms/DIV
Figure 9. RESET Output Voltage vs. Supply Voltage
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com