Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM706P Datasheet(PDF) 7 Page - Analog Devices

Part # ADM706P
Description  3 V, Voltage Monitoring uP Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706P Datasheet(HTML) 7 Page - Analog Devices

  ADM706P Datasheet HTML 1Page - Analog Devices ADM706P Datasheet HTML 2Page - Analog Devices ADM706P Datasheet HTML 3Page - Analog Devices ADM706P Datasheet HTML 4Page - Analog Devices ADM706P Datasheet HTML 5Page - Analog Devices ADM706P Datasheet HTML 6Page - Analog Devices ADM706P Datasheet HTML 7Page - Analog Devices ADM706P Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. A
–7–
ADM706P/R/S/T, ADM708R/S/T
+1.2V
0V
+3V
1.3V
PFI
PFO
500ns/DIV
VCC = +5V
TA = +25 C
Figure 10. PFI Assertion Response Time
+1.3V
+3V
0V
1.2V
PFO
PFI
500ns/DIV
VCC = +5V
TA = +25 C
Figure 11. PFI Deassertion Response Time
0V
0V
100ns/DIV
VCC = VRT
TA = +25 C
RESET
+3V
RESET
+3V
Figure 12.
RESET, RESET Assertion
APPLICATIONS
A typical operating Circuit is shown in Figure 15. The unregu-
lated dc input supply is monitored using the PFI input via the
resistive divider network. Resistors R1 and R2 should be selected
such that when the supply voltage drops below the desired level
(e.g., 5 V) the voltage on PFI drops below the 1.25 V threshold
thereby generating an interrupt to the
µP. Monitoring the
preregulator input gives additional time to execute an orderly
shutdown procedure before power is lost.
ADM706
RESET
GND
P
MR
PFI
WDI
PFO
RESET
VCC
+3.3V
WDO
VCC
UNREGULATED
DC
I/O LINE
INTERRUPT
NMI
MANUAL
RESET
GND
GND
IN
OUT
ADM666A
Figure 15. Typical Application Circuit
+3V
0V
0V
+3V
100ns/DIV
VCC = VRT
TA = +25 C
RESET
RESET
Figure 13.
RESET, RESET Deassertion
+2V
0V
VCC
RESET
2 s/DIV
TA = +25 C
+3V
+3V
Figure 14. ADM706/ADM708
RESET Response Time



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com