Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPTION_REG Datasheet(PDF) 203 Page - Microchip Technology

Part # OPTION_REG
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OPTION_REG Datasheet(HTML) 203 Page - Microchip Technology

Back Button OPTION_REG Datasheet HTML 199Page - Microchip Technology OPTION_REG Datasheet HTML 200Page - Microchip Technology OPTION_REG Datasheet HTML 201Page - Microchip Technology OPTION_REG Datasheet HTML 202Page - Microchip Technology OPTION_REG Datasheet HTML 203Page - Microchip Technology OPTION_REG Datasheet HTML 204Page - Microchip Technology OPTION_REG Datasheet HTML 205Page - Microchip Technology OPTION_REG Datasheet HTML 206Page - Microchip Technology OPTION_REG Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 203
MCP19111
30.7
MPLAB SIM Software Simulator
The MPLAB SIM Software Simulator allows code
development in a PC-hosted environment by simulat-
ing the PIC MCUs and dsPIC® DSCs on an instruction
level. On any given instruction, the data areas can be
examined or modified and stimuli can be applied from
a comprehensive stimulus controller. Registers can be
logged to files for further run-time analysis. The trace
buffer and logic analyzer display extend the power of
the simulator to record and track program execution,
actions on I/O, most peripherals and internal registers.
The MPLAB SIM Software Simulator fully supports
symbolic debugging using the MPLAB C Compilers,
and the MPASM and MPLAB Assemblers. The
software simulator offers the flexibility to develop and
debug code outside of the hardware laboratory
environment, making it an excellent, economical
software development tool.
30.8
MPLAB REAL ICE In-Circuit
Emulator System
MPLAB REAL ICE In-Circuit Emulator System is
Microchip’s next generation high-speed emulator for
Microchip Flash DSC and MCU devices. It debugs and
programs PIC® Flash MCUs and dsPIC® Flash DSCs
with the easy-to-use, powerful graphical user interface of
the MPLAB Integrated Development Environment (IDE),
included with each kit.
The emulator is connected to the design engineer’s PC
using a high-speed USB 2.0 interface and is connected
to the target with either a connector compatible with in-
circuit debugger systems (RJ11) or with the new high-
speed, noise tolerant, Low-Voltage Differential Signal
(LVDS) interconnection (CAT5).
The emulator is field upgradable through future firmware
downloads in MPLAB IDE. In upcoming releases of
MPLAB IDE, new devices will be supported, and new
features will be added. MPLAB REAL ICE offers
significant advantages over competitive emulators
including
low-cost,
full-speed
emulation,
run-time
variable watches, trace analysis, complex breakpoints, a
ruggedized probe interface and long (up to three meters)
interconnection cables.
30.9
MPLAB ICD 3 In-Circuit Debugger
System
MPLAB
ICD
3
In-Circuit
Debugger
System
is
Microchip's most cost effective high-speed hardware
debugger/programmer for Microchip Flash Digital
Signal Controller (DSC) and microcontroller (MCU)
devices.
It
debugs
and
programs
PIC®
Flash
microcontrollers and dsPIC® DSCs with the powerful,
yet easy-to-use graphical user interface of MPLAB
Integrated Development Environment (IDE).
The MPLAB ICD 3 In-Circuit Debugger probe is con-
nected to the design engineer's PC using a high-speed
USB 2.0 interface and is connected to the target with a
connector compatible with the MPLAB ICD 2 or MPLAB
REAL ICE systems (RJ-11). MPLAB ICD 3 supports all
MPLAB ICD 2 headers.
30.10 PICkit 3 In-Circuit Debugger/
Programmer and
PICkit 3 Debug Express
The
MPLAB
PICkit
3
allows
debugging
and
programming
of
PIC®
and
dsPIC®
Flash
microcontrollers at a most affordable price point using
the powerful graphical user interface of the MPLAB
Integrated Development Environment (IDE). The
MPLAB PICkit 3 is connected to the design engineer's
PC using a full speed USB interface and can be
connected to the target via an Microchip debug (RJ-11)
connector (compatible with MPLAB ICD 3 and MPLAB
REAL ICE). The connector uses two device I/O pins
and the reset line to implement in-circuit debugging and
In-Circuit Serial Programming™.
The PICkit 3 Debug Express include the PICkit 3, demo
board and microcontroller, hookup cables and CDROM
with user’s guide, lessons, tutorial, compiler and
MPLAB IDE software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com