Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPTION_REG Datasheet(PDF) 16 Page - Microchip Technology

Part # OPTION_REG
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OPTION_REG Datasheet(HTML) 16 Page - Microchip Technology

Back Button OPTION_REG Datasheet HTML 12Page - Microchip Technology OPTION_REG Datasheet HTML 13Page - Microchip Technology OPTION_REG Datasheet HTML 14Page - Microchip Technology OPTION_REG Datasheet HTML 15Page - Microchip Technology OPTION_REG Datasheet HTML 16Page - Microchip Technology OPTION_REG Datasheet HTML 17Page - Microchip Technology OPTION_REG Datasheet HTML 18Page - Microchip Technology OPTION_REG Datasheet HTML 19Page - Microchip Technology OPTION_REG Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 222 page
background image
MCP19111
DS22331A-page 16
 2013 Microchip Technology Inc.
Individual control of the HDRV or LDRV signal is
accomplished by setting or clearing the HIDIS or
LODIS bits in the ATSTCON register. When either
driver is disabled, the output signal is set low.
3.3
Output Voltage
The output voltage is configured by the settings
contained in the OVCCON and OVFCON registers. No
external resistor divider is needed to set the output
voltage. Refer to Section 6.10 “Output Voltage
Configuration”.
The MCP19111 contains a unity gain differential
amplifier used for remote sensing of the output voltage.
Connect the +VSEN and -VSEN pins directly at the load
for better load regulation. The +VSEN and -VSEN are the
positive and negative inputs, respectively, of the
differential amplifier.
3.4
Switching Frequency
The switching frequency is configurable over the range
of 100 kHz to 1.6 MHz. The Timer2 module is used to
generate the HDRV/LDRV switching frequency. Refer
to Section 26.0 “PWM Module” for more information.
Example 3-1 shows how to configure the MCP19111
for a switching frequency of 300 kHz.
EXAMPLE 3-1:
CONFIGURING FSW
3.5
Compensation
The MCP19111 is an analog peak current mode
controller with integrated adjustable compensation.
The CMPZCON register is used to adjust the
compensation zero frequency and gain. Figure 3-1
shows the internal compensation network with the
output differential amplifier.
FIGURE 3-1:
SIMPLIFIED INTERNAL
COMPENSATION
3.6
Slope Compensation
In current mode control systems, slope compensation
needs to be added to the control path to help prevent
subharmonic oscillation when operating with greater
than 50% duty cycle. In the MCP19111, a negative
slope is added to the error amplifier output signal
before it is compared to the current sense signal. The
amount
of
slope
added
is
controlled
by
the
SLPCRCON register, Register 6-7.
The amount of slope compensation added should be
equal to the inductor current down slope during the
high-side off time.
3.7
Current Sense
The output current is differentially sensed by the
MCP19111. The sense element can be either a resistor
placed in series with the output, or the series resistance
of the inductor. If the inductor series resistance is used,
a filter is needed to remove the large AC component of
the voltage that appears across the inductor and leave
only the small AC voltage that appears across the
inductor resistance, as shown in Figure 3-2. This small
AC voltage is representative of the output current.
FIGURE 3-2:
INDUCTOR CURRENT
SENSE FILTER
BANKSEL
T2CON
CLRF
T2CON
;Turn off Timer2
CLRF
TMR2
;Initialize module
MOVLW
0x19
;Fsw=300 kHz
MOVWF
PR2
MOVLW
0x0A
;Max duty cycle=40%
MOVWF
PWMRL
MOVLW
0x00
;No phase shift
MOVWF
PWMPHL
MOVLW
0x04
;Turn on Timer2
MOVWF
T2CON
Note 1: To
enable
the
slope
compensation
circuitry, the ABECON<SLCPBY> bit
must be cleared.
VREF
+VSEN
-VSEN
To Load
-ISEN
+ISEN
HDRV
LDRV
PHASE
LRL
CS
RS
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com