Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPTION_REG Datasheet(PDF) 3 Page - Microchip Technology

Part # OPTION_REG
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OPTION_REG Datasheet(HTML) 3 Page - Microchip Technology

  OPTION_REG Datasheet HTML 1Page - Microchip Technology OPTION_REG Datasheet HTML 2Page - Microchip Technology OPTION_REG Datasheet HTML 3Page - Microchip Technology OPTION_REG Datasheet HTML 4Page - Microchip Technology OPTION_REG Datasheet HTML 5Page - Microchip Technology OPTION_REG Datasheet HTML 6Page - Microchip Technology OPTION_REG Datasheet HTML 7Page - Microchip Technology OPTION_REG Datasheet HTML 8Page - Microchip Technology OPTION_REG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 3
MCP19111
TABLE 1:
28-PIN SUMMARY
I/O
Basic
Additional
GPA0
1
Y
AN0
—
—
IOC
Y
—
Analog Debug Output (1)
GPA1
2
Y
AN1
—
—
IOC
Y
—
Sync Signal In/Out (2, 3)
GPA2
3
Y
AN2
T0CKI
—
IOC
INT
Y
—
—
GPA3
5
Y
AN3
—
IOC
Y
—
—
GPA4
9
N
—
—
—
IOC
N
—
—
GPA5
8
N
—
—
—
IOC(4)
Y(5)
MCLR
—
GPA6
7
N
—
—
—
IOC
N
—
GPA7
6
N
—
—
SCL
IOC
N
—
GPB0
10
N
—
—
SDA
IOC
N
—
—
GPB1
26
Y
AN4
—
—
IOC
Y
—
Error Signal In/Out (3)
GPB2
28
Y
AN5
—
—
IOC
Y
—
—
GPB4
4
Y
AN6
—
—
IOC
Y
ICSPDAT
ICDDAT
—
GPB5
27
Y
AN7
—
—
IOC
Y
ICSPCLK
ICDCLK
Alternate Sync
Signal In/Out (2, 3)
GPB6
21
N
—
—
—
IOC
Y
—
—
GPB7
11
N
—
—
—
IOC
Y
—
—
VIN
13
N
—
—
—
—
—
VIN
Device Input Voltage
VDR
16
N
—
—
—
—
—
VDR
Gate Drive Supply Input
Voltage
VDD
20
N
—
—
—
—
—
VDD
Internal Regulator Output
GND
12
N
—
—
—
—
—
GND
Small Signal Ground
PGND
14
N
—
—
—
—
—
—
Large Signal Ground
LDRV
15
N
—
—
—
—
—
—
Low-Side MOSFET
Connection
HDRV
18
N
—
—
—
—
—
—
High-Side MOSFET
Connection
PHASE
17
N
—
—
—
—
—
—
Switch Node
BOOT
19
N
—
—
—
—
—
—
Floating Bootstrap Supply
+VSEN
24
N
—
—
—
—
—
—
Output Voltage
Differential Sense
-VSEN
25
N
—
—
—
—
—
—
Output Voltage
Differential Sense
+ISEN
23
N
—
—
—
—
—
—
Current Sense Input
-ISEN
22
N
—
—
—
—
—
—
Current Sense Input
Note
1:
The Analog Debug Output is selected when the ATSTCON<BNCHEN> bit is set.
2:
Selected when device is functioning as multiple output master or slave by proper configuration of the MLTPH<2:0> bits
in the BUFFCON register.
3:
Selected when device is functioning as multi-phase master or slave by proper configuration of the MLTPH<2:0> bits in
the BUFFCON register.
4:
The IOC is disabled when MCLR is enabled.
5:
Weak pull-up always enabled when MCLR is enabled, otherwise the pull-up is under user control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com