Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPTION_REG Datasheet(PDF) 40 Page - Microchip Technology

Part # OPTION_REG
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OPTION_REG Datasheet(HTML) 40 Page - Microchip Technology

Back Button OPTION_REG Datasheet HTML 36Page - Microchip Technology OPTION_REG Datasheet HTML 37Page - Microchip Technology OPTION_REG Datasheet HTML 38Page - Microchip Technology OPTION_REG Datasheet HTML 39Page - Microchip Technology OPTION_REG Datasheet HTML 40Page - Microchip Technology OPTION_REG Datasheet HTML 41Page - Microchip Technology OPTION_REG Datasheet HTML 42Page - Microchip Technology OPTION_REG Datasheet HTML 43Page - Microchip Technology OPTION_REG Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 222 page
background image
MCP19111
DS22331A-page 40
 2013 Microchip Technology Inc.
6.5
Voltage for Zero Current
In multi-phase systems it may be necessary to provide
some offset to the sensed inductor current. The
VZCCON register can be used to provide a positive or
negative offset in the sensed current. Typically, the
VZCCON will be set to 0x80h, which corresponds to
the sensed inductor current centered around 1.45V.
However, by adjusting the VZCCON register, this
centered voltage can be shifted up or down by
approximately 3.28 mV per step.
REGISTER 6-5:
VZCCON: VOLTAGE FOR ZERO CURRENT CONTROL REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
VZC7
VZC6
VZC5
VZC4
VZC3
VZC2
VZC1
VZC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
VZC<7:0>: Voltage for Zero Current Setting bits
00000000
= -420.00 mV Offset
00000001
= -416.72 mV Offset
•
•
•
10000000
= 0 mV Offset
•
•
•
11111110
= +413.12 mV Offset
11111111
= +416.40 mV Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com