Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPTION_REG Datasheet(PDF) 51 Page - Microchip Technology

Part # OPTION_REG
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OPTION_REG Datasheet(HTML) 51 Page - Microchip Technology

Back Button OPTION_REG Datasheet HTML 47Page - Microchip Technology OPTION_REG Datasheet HTML 48Page - Microchip Technology OPTION_REG Datasheet HTML 49Page - Microchip Technology OPTION_REG Datasheet HTML 50Page - Microchip Technology OPTION_REG Datasheet HTML 51Page - Microchip Technology OPTION_REG Datasheet HTML 52Page - Microchip Technology OPTION_REG Datasheet HTML 53Page - Microchip Technology OPTION_REG Datasheet HTML 54Page - Microchip Technology OPTION_REG Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 51
MCP19111
7.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = 12V, FSW = 300 kHz, TA = +25°C.
FIGURE 7-1:
IQ vs. Temperature.
FIGURE 7-2:
OVCCON DAC INL vs.
Code and Temperature (-40°C to +125°C).
FIGURE 7-3:
OVCCON DAC DNL vs.
Code and Temperature (-40°C to +125°C).
FIGURE 7-4:
OVFCON DAC INL vs.
Code and Temperature (-40°C to +125°C).
FIGURE 7-5:
OVFCON DAC DNL vs.
Code and Temperature (-40°C to +125°C).
FIGURE 7-6:
VDD vs. Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
4.8
5.0
5.2
5.4
5.6
4.2
4.4
4.6
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
-0.6
-0.4
-0.2
0.0
0.2
-1.2
-1.0
-0.8
0
64
128
192
256
CODE
0.015
0.020
0.025
0.030
0.005
0.010
0
64
128
192
256
CODE
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-1.0
-0.8
-0.6
-0.4
02468 10 12 14 16 18 20 22 24 26 28 30 32
CODE
0.0006
0.0008
0.0010
0.0012
0.0014
0.0016
0.0000
0.0002
0.0004
0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32
CODE
5.06
5.07
5.08
5.09
-40ºC
+125ºC
I
DD = 1 mA
5.04
5.05
6
8
10 12 14 16 18 20 22 24 26 28 30 32
Input Voltage, V
IN (V)
+25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com