Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPTION_REG Datasheet(PDF) 101 Page - Microchip Technology

Part # OPTION_REG
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OPTION_REG Datasheet(HTML) 101 Page - Microchip Technology

Back Button OPTION_REG Datasheet HTML 97Page - Microchip Technology OPTION_REG Datasheet HTML 98Page - Microchip Technology OPTION_REG Datasheet HTML 99Page - Microchip Technology OPTION_REG Datasheet HTML 100Page - Microchip Technology OPTION_REG Datasheet HTML 101Page - Microchip Technology OPTION_REG Datasheet HTML 102Page - Microchip Technology OPTION_REG Datasheet HTML 103Page - Microchip Technology OPTION_REG Datasheet HTML 104Page - Microchip Technology OPTION_REG Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 101
MCP19111
17.0
WATCHDOG TIMER (WDT)
The Watchdog Timer is a free running timer. The WDT
is enabled by setting the WDTE bit of the Configuration
Word (default setting).
During normal operation, a WDT time-out generates a
device Reset. If the device is in Sleep mode, a WDT
time-out causes the device to wake-up and continue
with normal operation.
The WDT can be permanently disabled by clearing the
WDTE bit of the Configuration bit. See Section 12.1
“Configuration Word” for more information.
17.1
Watchdog Timer (WDT) Operation
During normal operation, a WDT time-out generates a
device RESET. If the device is in SLEEP mode, a WDT
time-out causes the device to wake-up and continue
with normal operation; this is known as a WDT wake-
up. The WDT can be permanently disabled by clearing
the WDTE configuration bit.
The postscaler assignment is fully under software
control and can be changed during program execution.
17.2
WDT Period
The WDT has a nominal time-out period of 18 ms (with
no
prescaler).
The
time-out
periods
vary
with
temperature, VDD and process variations from part to
part (see Table 5-4). If longer time-out periods are
desired, a prescaler with a division ratio of up to 1:128
can be assigned to the WDT under software control by
writing to the OPTION register. Thus, time-out periods
up to 2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the prescaler, if assigned to the WDT, and prevent
it from timing out and generating a device Reset.
The TO bit in the STATUS register will be cleared upon
a Watchdog Timer time-out.
17.3
WDT Programming
Considerations
Under worst-case conditions (i.e., VDD = Minimum,
Temperature = Maximum, Maximum WDT prescaler), it
may take several seconds before a WDT time-out
occurs.
FIGURE 17-1:
WATCHDOG TIMER WITH SHARED PRESCALER BLOCK DIAGRAM
T0CKI
T0SE
pin
TMR0
Watchdog
Timer
WDT
Time-out
PS<2:0>
Data Bus
Set Flag bit T0IF
on Overflow
T0CS
Note 1: T0SE, T0CS, PSA, PS<2:0> are bits in the OPTION_REG register.
2: WDTE bit is in the Configuration Word register.
0
1
0
1
0
1
8
8
8-bit
Prescaler
0
1
FOSC/4
PSA
PSA
PSA
Sync
2 TCY
WDTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com