Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPTION_REG Datasheet(PDF) 127 Page - Microchip Technology

Part # OPTION_REG
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OPTION_REG Datasheet(HTML) 127 Page - Microchip Technology

Back Button OPTION_REG Datasheet HTML 123Page - Microchip Technology OPTION_REG Datasheet HTML 124Page - Microchip Technology OPTION_REG Datasheet HTML 125Page - Microchip Technology OPTION_REG Datasheet HTML 126Page - Microchip Technology OPTION_REG Datasheet HTML 127Page - Microchip Technology OPTION_REG Datasheet HTML 128Page - Microchip Technology OPTION_REG Datasheet HTML 129Page - Microchip Technology OPTION_REG Datasheet HTML 130Page - Microchip Technology OPTION_REG Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 127
MCP19111
22.3
ADC Register Definitions
The following registers are used to control the
operation of the ADC:
REGISTER 22-1:
ADCON0: A/D CONTROL REGISTER 0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
CHS4
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-2
CHS<4:0>: Analog Channel Select bits
00000
= VIN_ANA (analog voltage proportional to VIN)
00001
= VREGREF (reference voltage for VREG output)
00010
= OV_REF (reference for overvoltage comparator)
00011
= UV_REF (reference for undervoltage comparator)
00100
= VBGR (band gap reference)
00101
= INT_VREG (internal version of the VREG load voltage)
00110
= CRT (voltage proportional to the current in the inductor)
00111
= VZC (an internal ground, Voltage for Zero Current)
01000
= DEMAND (input to current loop, output of demand mux)
01001
= RELEFF (analog voltage proportional to duty cycle)
01010
= TMP_ANA (analog voltage proportional to temperature)
01011
= ANA_IN (demanded current from the remote master)
01100
= DCI (dc inductor valley current)
01101
= Unimplemented
01110
= Unimplemented
01111
= Unimplemented
10000
= GPA0 (i.e. ADDR1)
10001
= GPA1 (i.e. ADDR0)
10010
= GPA2 (i.e. Temperature Sensor Input)
10011
= GPA3 (i.e. Tracking Voltage)
10100
= GPB1
10101
= GPB2
10110
= GPB4
10111
= GPB5
11000
= Unimplemented
11001
= Unimplemented
11011
= Unimplemented
11100
= Unimplemented
11101
= Unimplemented
11110
= Unimplemented
11111
= Unimplemented
bit 1
GO/DONE: A/D Conversion Status bit
1
= A/D conversion cycle in progress. Setting this bit starts an A/D conversion cycle.
This bit is automatically cleared by hardware when the A/D conversion has completed.
0
= A/D conversion completed/not in progress
bit 0
ADON: ADC Enable bit
1
= ADC is enabled
0
= ADC is disabled and consumes no operating current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com