Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPTION_REG Datasheet(PDF) 142 Page - Microchip Technology

Part # OPTION_REG
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OPTION_REG Datasheet(HTML) 142 Page - Microchip Technology

Back Button OPTION_REG Datasheet HTML 138Page - Microchip Technology OPTION_REG Datasheet HTML 139Page - Microchip Technology OPTION_REG Datasheet HTML 140Page - Microchip Technology OPTION_REG Datasheet HTML 141Page - Microchip Technology OPTION_REG Datasheet HTML 142Page - Microchip Technology OPTION_REG Datasheet HTML 143Page - Microchip Technology OPTION_REG Datasheet HTML 144Page - Microchip Technology OPTION_REG Datasheet HTML 145Page - Microchip Technology OPTION_REG Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 222 page
background image
MCP19111
DS22331A-page 142
 2013 Microchip Technology Inc.
FIGURE 26-1:
SIMPLIFIED PWM BLOCK DIAGRAM
A PWM output (Figure 26-2) has a time base (period)
and a time that the output stays high (duty cycle). The
frequency of the PWM is the inverse of the period
(1/period).
FIGURE 26-2:
PWM OUTPUT
26.1.3
PWM PERIOD
The PWM period is specified by writing to the PR2
register. The PWM period can be calculated using the
following equation:
EQUATION 26-3:
When TMR2 is equal to PR2, the following two events
occur on the next increment cycle:
•TMR2 is cleared
• The PWM duty cycle is latched from PWMRL into
PWMRH
CLKPIN_IN
R
SQ
Q
OSC
SYSTEM
CLOCK
LATCH DATA
LATCH DATA
RESET TIMER
8
8
8
8
Comparator
Comparator
Comparator
TMR2
(Note 1)
8
8
8
8
PR2
PWMPHL
PWMRL
PWMRH
(SLAVE)
PWMPHH
(SLAVE)
Note 1: TIMER 2 should be clocked by FOSC (8 MHz).
Period
Duty Cycle
TMR2 = PR2 + 1
TMR2 = PWMRH
TMR2 = PR2 + 1
PWM PERIOD=[(PR2)+1] x TOSC x(T2 PRESCALE VALUE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com