Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPTION_REG Datasheet(PDF) 155 Page - Microchip Technology

Part # OPTION_REG
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OPTION_REG Datasheet(HTML) 155 Page - Microchip Technology

Back Button OPTION_REG Datasheet HTML 151Page - Microchip Technology OPTION_REG Datasheet HTML 152Page - Microchip Technology OPTION_REG Datasheet HTML 153Page - Microchip Technology OPTION_REG Datasheet HTML 154Page - Microchip Technology OPTION_REG Datasheet HTML 155Page - Microchip Technology OPTION_REG Datasheet HTML 156Page - Microchip Technology OPTION_REG Datasheet HTML 157Page - Microchip Technology OPTION_REG Datasheet HTML 158Page - Microchip Technology OPTION_REG Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 222 page
background image
FIGURE 27-8:
I2C SLAVE, 7-BIT ADDRESS, RECEPTION (SEN = 0, AHEN = 1, DHEN = 1)
Receiving Address
Receiving Data
Received Data
P
A7 A6 A5 A4 A3 A2 A1
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
SDA
SCL
BF
CKP
S
P
12
3
4
5
6
7
8
9
1
2
3
4
56
78
9
12
3
4
5
6
7
8
Master sends
Stop condition
S
Data is read from SSPBUF
Cleared by software
SSPIF is set on
9th falling edge of
SCL, after ACK
CKP set by software,
SCL is released
Slave software
9
ACKTIM cleared by
hardware in 9th
rising edge of SCL
sets ACKDT to
not ACK
When DHEN=1:
CKP is cleared by
hardware on 8th falling
edge of SCL
Slave software
clears ACKDT to
ACK the received
byte
ACKTIM set by hardware
on 8th falling edge of SCL
When AHEN=1:
CKP is cleared by hardware
and SCL is stretched
Address is
read from
SSBUF
ACKTIM set by hardware
on 8th falling edge of SCL
ACK
Master Releases SDAx
to slave for ACK sequence
No interrupt
after not ACK
from Slave
ACK=1
ACK
ACKDT
ACKTIM
SSPIF
If AHEN = 1:
SSPIF is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com