Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8523T
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8523T Datasheet HTML 1Page - NXP Semiconductors PCF8523T Datasheet HTML 2Page - NXP Semiconductors PCF8523T Datasheet HTML 3Page - NXP Semiconductors PCF8523T Datasheet HTML 4Page - NXP Semiconductors PCF8523T Datasheet HTML 5Page - NXP Semiconductors PCF8523T Datasheet HTML 6Page - NXP Semiconductors PCF8523T Datasheet HTML 7Page - NXP Semiconductors PCF8523T Datasheet HTML 8Page - NXP Semiconductors PCF8523T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
2 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
4.
Ordering information
4.1 Ordering options
[1]
Bump hardness see Table 53.
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF8523T
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
PCF8523TK
HVSON8
plastic thermal enhanced very thin small outline
package; no leads; 8 terminals;
body 4
 4  0.85 mm
SOT909-1
PCF8523TS
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
PCF8523U
bare die
12 bumps (6-6)
PCF8523U
Table 2.
Ordering options
Type number
IC
revision
Sales item
(12NC)
Bump type
Delivery form
PCF8523T/1
1
935293581118
-
tape and reel, 13 inch
PCF8523TK/1
1
935293573118
-
tape and reel, 13 inch
PCF8523TS/1
1
935291196112
-
tube
935291196118
-
tape and reel, 13 inch
PCF8523U/12AA/1
1
935293887005
soft gold bumps[1]
sawn wafer on Film Frame Carrier (FFC)
Table 3.
PCF8523U wafer information
Type number
Wafer thickness
Wafer diameter
FFC for wafer size
Marking of bad die
PCF8523U/12AA/1
200
m
6 inch
8 inch
wafer mapping
Table 4.
Marking codes
Type number
Marking code
PCF8523T/1
8523T
PCF8523TK/1
8523
PCF8523TS/1
8523TS
PCF8523U/12AA/1
PC8523-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com