Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8523T
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8523T Datasheet HTML 17Page - NXP Semiconductors PCF8523T Datasheet HTML 18Page - NXP Semiconductors PCF8523T Datasheet HTML 19Page - NXP Semiconductors PCF8523T Datasheet HTML 20Page - NXP Semiconductors PCF8523T Datasheet HTML 21Page - NXP Semiconductors PCF8523T Datasheet HTML 22Page - NXP Semiconductors PCF8523T Datasheet HTML 23Page - NXP Semiconductors PCF8523T Datasheet HTML 24Page - NXP Semiconductors PCF8523T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
21 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.6.2 Register Minutes
8.6.3 Register Hours
[1]
Hour mode is set by bit 12_24 in register Control_1 (see Table 7).
8.6.4 Register Days
[1]
If the year counter contains a value, which is exactly divisible by 4 (including the year 00), the PCF8523
compensates for leap years by adding a 29th day to February.
Fig 12. OS flag
013aaa319
OS = 1 and flag can not be cleared
OS = 1 and flag can be cleared
t
VDD
oscillation
OS flag
OS flag cleared
by software
OS flag set when
oscillation stops
oscillation now stable
Table 14.
Minutes - minutes register (address 04h) bit description
Bit
Symbol
Value
Place value Description
7
-
-
-
unused
6 to 4
MINUTES
0 to 5
ten’s place
actual minutes coded in BCD
format
3 to 0
0 to 9
unit place
Table 15.
Hours - hours register (address 05h) bit description
Bit
Symbol
Value
Place value Description
7 to 6
-
-
-
unused
12 hour mode[1]
5
AMPM
0
-
indicates AM
1
-
indicates PM
4
HOURS
0 to 1
ten’s place
actual hours in 12 hour mode
coded in BCD format
3 to 0
0 to 9
unit place
24 hour mode[1]
5 to 4
HOURS
0 to 2
ten’s place
actual hours in 24 hour mode
coded in BCD format
3to0
0to 9
unit place
Table 16.
Days - days register (address 06h) bit description
Bit
Symbol
Value
Place value Description
7 to 6
-
-
-
unused
5to4
DAYS[1]
0 to 3
ten’s place
actual day coded in BCD format
3to0
0to 9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com