Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523T Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8523T
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8523T Datasheet HTML 29Page - NXP Semiconductors PCF8523T Datasheet HTML 30Page - NXP Semiconductors PCF8523T Datasheet HTML 31Page - NXP Semiconductors PCF8523T Datasheet HTML 32Page - NXP Semiconductors PCF8523T Datasheet HTML 33Page - NXP Semiconductors PCF8523T Datasheet HTML 34Page - NXP Semiconductors PCF8523T Datasheet HTML 35Page - NXP Semiconductors PCF8523T Datasheet HTML 36Page - NXP Semiconductors PCF8523T Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
33 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
A programmable square wave is available at pin INT1/CLKOUT and pin CLKOUT, which
are both open-drain outputs. Pin INT1/CLKOUT has both functions of INT1 and CLKOUT
combined.
The duty cycle of the selected clock is not controlled but due to the nature of the clock
generation, all clock frequencies except 32.768 kHz have a duty cycle of 50 : 50.
The STOP bit function can also affect the CLKOUT signal, depending on the selected
frequency. When STOP is active, the INT1/CLKOUT and CLKOUT pins are
high-impedance for all frequencies except of 32.768 kHz, 16.384 kHz and 8.192 kHz. For
more details, see Section 8.10.
[1]
Duty cycle definition: % HIGH-level time : % LOW-level time.
[2]
Default value.
[3]
Clock frequencies may be affected by offset correction.
8.9.1.3
Register Tmr_A_freq_ctrl
[1]
Default value.
Table 35.
CLKOUT frequency selection
COF[2:0]
CLKOUT frequency (Hz)
Typical duty cycle[1]
Effect of STOP bit
000[2]
32768
60 : 40 to 40 : 60
no effect
001
16384
50 : 50
no effect
010
8192
50 : 50
no effect
011
4096
50 : 50
CLKOUT = high-Z
100
1024
50 : 50
CLKOUT = high-Z
101
32
50 : 50[3]
CLKOUT = high-Z
110
1
50 : 50[3]
CLKOUT = high-Z
111
CLKOUT disabled (high-Z)
Table 36.
Tmr_A_freq_ctrl - timer A frequency control register (address 10h) bit
description
Bit
Symbol
Value
Description
7 to 3
-
-
unused
2 to 0
TAQ[2:0]
source clock for timer A (see Table 40)
000
4.096 kHz
001
64 Hz
010
1 Hz
011
1⁄60 Hz
111[1]
110
100
1⁄3600 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com