Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8523T
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8523T Datasheet HTML 9Page - NXP Semiconductors PCF8523T Datasheet HTML 10Page - NXP Semiconductors PCF8523T Datasheet HTML 11Page - NXP Semiconductors PCF8523T Datasheet HTML 12Page - NXP Semiconductors PCF8523T Datasheet HTML 13Page - NXP Semiconductors PCF8523T Datasheet HTML 14Page - NXP Semiconductors PCF8523T Datasheet HTML 15Page - NXP Semiconductors PCF8523T Datasheet HTML 16Page - NXP Semiconductors PCF8523T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
13 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
After reset, the following mode is entered:
• 32.768 kHz CLKOUT active
• 24 hour mode is selected
• Register Offset is set logic 0
• No alarms set
• Timers disabled
• No interrupts enabled
• Battery switch-over is disabled
• Battery low detection is disabled
• 7 pF of internal oscillator capacitor selected
8.4 Interrupt function
Active low interrupt signals are available at pin INT1/CLKOUT and INT2. Pin
INT1/CLKOUT has both functions of INT1 and CLKOUT combined.
INT1 Interrupt output may be sourced from different places:
• Second timer
• Timer A
• Timer B
• Alarm
• Battery switch-over
• Battery low detection
• Clock offset correction pulse
INT2 interrupt output is sourced only from timer B:
The control bit TAM (register Tmr_CLKOUT_ctrl) is used to configure whether the
interrupts generated from the second interrupt timer and timer A are pulsed signals or a
permanently active signal. The control bit TBM (register Tmr_CLKOUT_ctrl) is used to
configure whether the interrupt generated from timer B is a pulsed signal or a permanently
active signal. All the other interrupt sources generate a permanently active interrupt
signal, which follows the status of the corresponding flags.
• The flags SF, CTAF, CTBF, AF, and BSF can be cleared by using the interface
• WTAF is read only. Reading of the register Control_2 (01h) automatically resets
WTAF (WTAF = 0) and clears the interrupt
• The flag BLF is read only. It is cleared automatically from the battery low detection
circuit when the battery is replaced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com