Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3000 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3000 Datasheet HTML 2Page - Analog Devices ADP3000 Datasheet HTML 3Page - Analog Devices ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices ADP3000 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3000
–6–
REV. 0
THEORY OF OPERATION
The ADP3000 is a versatile, high frequency, switch mode
power supply (SMPS) controller. The regulated output
voltage can be greater than the input voltage (boost or step-up
mode) or less than the input (buck or step-down mode). This
device uses a gated oscillator technique to provide high perfor-
mance with low quiescent current.
A functional block diagram of the ADP3000 is shown in
Figure 3a. The internal 1.245 V reference is connected to one
input of the comparator, while the other input is externally
connected (via the FB pin) to a resistor divider connected to
the regulated output. When the voltage at the FB pin falls below
1.245 V, the 400 kHz oscillator turns on. A driver amplifier
provides base drive to the internal power switch and the switching
action raises the output voltage. When the voltage at the FB
pin exceeds 1.245 V, the oscillator is shut off. While the
oscillator is off, the ADP3000 quiescent current is only 500
µA.
The comparator’s hysteresis ensures loop stability without
requiring external components for frequency compensation.
The maximum current in the internal power switch can be set
by connecting a resistor between VIN and the ILIM pin. When
the maximum current is exceeded, the switch is turned OFF.
The current limit circuitry has a time delay of about 0.3
µs. If
an external resistor is not used, connect ILIM to VIN. This
yields the maximum feasible current limit. Further information
on ILIM is included in the “Applications” section of this data
sheet. The ADP3000 internal oscillator provides typically 1.7
µs ON and 0.8 µs OFF times.
An uncommitted gain block on the ADP3000 can be con-
nected as a low battery detector. The inverting input of the
gain block is internally connected to the 1.245 V reference.
The noninverting input is available at the SET pin. A resistor
divider, connected between VIN and GND with the junction
connected to the SET pin, causes the AO output to go LOW
when the low battery set point is exceeded. The AO output is
an open collector NPN transistor that can sink in excess of
300
µA.
The ADP3000 provides external connections for both the
collector and emitter of its internal power switch, which permits
both step-up and step-down modes of operation. For the step-
up mode, the emitter (Pin SW2) is connected to GND and the
collector (Pin SW1) drives the inductor. For step-down mode,
the emitter drives the inductor while the collector is connected
to VIN.
The output voltage of the ADP3000 is set with two external
resistors. Three fixed voltage models are also available:
ADP3000–3.3 (+3.3 V), ADP3000–5 (+5 V) and ADP3000–12
(+12 V). The fixed voltage models include laser-trimmed
voltage-setting resistors on the chip. On the fixed voltage models
of the ADP3000, simply connect the feedback pin (Pin 8)
directly to the output voltage.
APPLICATIONS INFORMATION
COMPONENT SELECTION
Inductor Selection
For most applications the inductor used with the ADP3000 will
fall in the range between 4.7
µH to 33 µH. Table I shows
recommended inductors and their vendors.
When selecting an inductor, it is very important to make sure
that the inductor used with the ADP3000 is able to handle a
current that is higher than the ADP3000’s current limit without
saturation.
As a rule of thumb, powdered iron cores saturate softly, whereas
Ferrite cores saturate abruptly. Rod or “open” drum core
geometry inductors saturate gradually. Inductors that saturate
gradually are easier to use. Even though rod or drum core
inductors are attractive in both price and physical size, these
types of inductors must be handled with care because they have
high magnetic radiation. Toroid or “closed” core geometry
should be used when minimizing EMI is critical.
In addition, inductor dc resistance causes power loss. It is best
to use low dc resistance inductors so that power loss in the
inductor is kept to the minimum. Typically, it is best to use an
inductor with a dc resistance lower than 0.2
Ω.
Table I. Recommended Inductors
Vendor
Series
Core Type
Phone Numbers
Coiltronics
OCTAPAC
Toroid
(407) 241-7876
Coiltronics
UNIPAC
Open
(407) 241-7876
Sumida
CD43, CD54
Open
(847) 956-0666
Sumida
CDRH62, CDRH73, Semi-Closed
(847) 956-0666
CDRH64
Geometry
Capacitor Selection
For most applications, the capacitor used with the ADP3000
will fall in the range between 33
µF to 220 µF. Table II shows
recommended capacitors and their vendors.
For input and output capacitors, use low ESR type capacitors
for best efficiency and lowest ripple. Recommended capacitors
include AVX TPS series, Sprague 595D series, Panasonic HFQ
series and Sanyo OS-CON series.
When selecting a capacitor, it is important to make sure the
maximum capacitor ripple current rms rating is higher than the
ADP3000’s rms switching current.
It is best to protect the input capacitor from high turn-on cur-
rent charging surges by derating the capacitor voltage by 2:1.
For very low input or output voltage ripple requirements,
Sanyo OS-CON series capacitors can be used since this type of
capacitor has very low ESR. Alternatively, two or more tanta-
lum capacitors can be used in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com