Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3000 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 3 Page - Analog Devices

  ADP3000 Datasheet HTML 1Page - Analog Devices ADP3000 Datasheet HTML 2Page - Analog Devices ADP3000 Datasheet HTML 3Page - Analog Devices ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADP3000
–3–
REV. 0
PIN DESCRIPTIONS
Mnemonic
Function
ILIM
For normal conditions this pin is connected to
VIN. When lower current is required, a resistor
should be connected between ILIM and VIN.
Limiting the switch current to 400 mA is
achieved by connecting a 220
Ω resistor.
VIN
Input Voltage.
SW1
Collector of power transistor. For step-down
configuration, connect to VIN. For step-up
configuration, connect to an inductor/diode.
SW2
Emitter of power transistor. For step-down
configuration, connect to inductor/diode.
For step-up configuration, connect to ground.
Do not allow this pin to go more than a diode
drop below ground.
GND
Ground.
AO
Auxiliary Gain (GB) output. The open col-
lector can sink 300
µA. It can be left open
if not used.
SET
SET Gain amplifier input. The amplifier’s
positive input is connected to SET pin and its
negative input is connected to 1.245 V. It can
be left open if not used.
FB/SENSE
On the ADP3000 (adjustable) version, this pin
is connected to the comparator input. On the
ADP3000-3.3, ADP3000-5 and ADP3000-12,
the pin goes directly to the internal resistor
divider that sets the output voltage.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3000 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage, Step-Up Mode . . . . . . . . . . . . . . . 15 V
Input Supply Voltage, Step-Down Mode . . . . . . . . . . . . . 36 V
SW1 Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V
SW2 Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VIN
Feedback Pin Voltage (ADP3000) . . . . . . . . . . . . . . . . . . 5.5 V
Switch Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5 A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . 500 mW
Operating Temperature Range . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Thermal Impedance
SO-8 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 170
°C/W
N-8 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120
°C/W
PIN CONFIGURATIONS
8-Lead Plastic DIP
8-Lead SOIC
(N-8)
(SO-8)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADP3000
ILIM
VIN
SW1
SW2
FB (SENSE)*
SET
AO
GND
* FIXED VERSIONS
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADP3000
ILIM
VIN
SW1
SW2
FB (SENSE)*
SET
AO
GND
* FIXED VERSIONS
ORDERING GUIDE
Output
Package
Model
Voltage
Option
ADP3000AN-3.3
3.3 V
N-8
ADP3000AR-3.3
3.3 V
SO-8
ADP3000AN-5
5 V
N-8
ADP3000AR-5
5 V
SO-8
ADP3000AN-12
12 V
N-8
ADP3000AR-12
12 V
SO-8
ADP3000AN
Adjustable
N-8
ADP3000AR
Adjustable
SO-8
N = plastic DIP, SO = small outline package.
Figure 3a. Functional Block Diagram for Adjustable Version
Figure 3b. Functional Block Diagram for Fixed Version
COMPARATOR
GAIN BLOCK/
ERROR AMP
OSCILLATOR
DRIVER
A2
1.245V
REFERENCE
ADP3000
SET
VIN
GND
FB
A0
ILIM
SW1
SW2
A1
COMPARATOR
GAIN BLOCK/
ERROR AMP
OSCILLATOR
DRIVER
A1
1.245V
REFERENCE
R1
R2
ADP3000
SET
VIN
GND
SENSE
A0
ILIM
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com