Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3000 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 2 Page - Analog Devices

  ADP3000 Datasheet HTML 1Page - Analog Devices ADP3000 Datasheet HTML 2Page - Analog Devices ADP3000 Datasheet HTML 3Page - Analog Devices ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
ADP3000–SPECIFICATIONS
ADP3000
Parameter
Conditions
Symbol
Min
Typ
Max
Units
INPUT VOLTAGE
Step-Up Mode
VIN
2.0
12.6
V
Step-Down Mode
30.0
V
SHUTDOWN QUIESCENT CURRENT
VFB > 1.43 V; VSENSE > 1.1
× V
OUT
IQ
500
µA
COMPARATOR TRIP POINT
ADP3000
1
1.20
1.245
1.30
V
VOLTAGE
OUTPUT SENSE VOLTAGE
ADP3000-3.3
2
3.135
3.3
3.465
V
ADP3000-52
VOUT
4.75
5.00
5.25
V
ADP3000-12
2
11.40
12.00
12.60
V
COMPARATOR HYSTERESIS
ADP3000
8
12.5
mV
OUTPUT HYSTERESIS
ADP3000-3.3
32
50
mV
ADP3000-5
32
50
mV
ADP3000-12
75
120
mV
OSCILLATOR FREQUENCY
fOSC
350
400
450
kHz
DUTY CYCLE
VFB > VREF
D65
80
%
SWITCH ON TIME
ILIM Tied to VIN, VFB = 0
tON
1.5
2
2.55
µs
SWITCH SATURATION VOLTAGE
TA = +25
°C
STEP-UP MODE
VIN = 3.0 V, ISW = 650 mA
VSAT
0.5
0.75
V
VIN = 5.0 V, ISW = 1 A
0.8
1.1
V
STEP-DOWN MODE
VIN = 12 V, ISW = 650 mA
1.1
1.5
V
FEEDBACK PIN BIAS CURRENT
ADP3000 VFB = 0 V
IFB
160
330
nA
SET PIN BIAS CURRENT
VSET = VREF
ISET
200
400
nA
GAIN BLOCK OUTPUT LOW
ISINK = 300
µAV
OL
0.15
0.4
V
VSET = 1.00 V
REFERENCE LINE REGULATION
5 V
≤ V
IN ≤ 30 V
0.02
0.15
%/V
2 V
≤ V
IN
≤ 5 V
0.2
0.6
%/V
GAIN BLOCK GAIN
RL = 100 kΩ
3
AV
1000
6000
V/V
GAIN BLOCK CURRENT SINK
VSET
≤ 1 V
ISINK
300
µA
CURRENT LIMIT
220
Ω from I
LIM to VIN
ILIM
400
mA
CURRENT LIMIT TEMPERATURE
COEFFICIENT
–0.3
%/
°C
SWITCH OFF LEAKAGE CURRENT
Measured at SW1 Pin
1
10
µA
VSW1 = 12 V, TA = +25
°C
MAXIMUM EXCURSION BELOW GND
TA = +25
°C
ISW1
≤ 10 µA, Switch Off
–400
–350
mV
NOTES
1This specification guarantees that both the high and low trip point of the comparator fall within the 1.20 V to 1.30 V range.
2The output voltage waveform will exhibit a sawtooth shape due to the comparator hysteresis. The output voltage on the fixed output versions will always be within the
specified range.
3100 k
Ω resistor connected between a 5 V source and the AO pin.
*All limits at temperature extremes are guaranteed via correlation using standard statistical methods.
Specifications subject to change without notice.
(0 C
≤ T
A
≤ +70 C, V
IN = 3 V unless otherwise noted)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com