Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3000 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices ADP3000 Datasheet HTML 10Page - Analog Devices ADP3000 Datasheet HTML 11Page - Analog Devices ADP3000 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADP3000
–10–
REV. 0
ILIM
VIN
SW1
SENSE
SW2
GND
ADP3000-5V
C1
47µF
16V
VIN
5V
4
1
2
3
8
5
+
L1
15µH
+
240
Ω
L1 = SUMIDA CD53-150
C1 = AVX TPS D476 M016R0150
C2 = AVX TPS D107 M010R0100
TYPICAL EFFICIENCY = 60%
VOUT
–5V
100mA
C2
100µF
10V
D1
IN5817
Figure 26. 5 V to –5 V/100 mA Inverter
ILIM
VIN
SET
AO
GND SW2
FB
SW1
ADP3000
IN1
IN2
GND
VO2
VO1
ADP3302AR1
SD
1M
Ω
90k
Ω
100k
Ω
+
100µF
10V
AVX-TPS
–
120
Ω
33nF
100k
Ω
330k
Ω
90k
Ω
2N2907
(SUMIDA – CDRH62)
6.8µH
IN5817
348k
Ω
1%
200k
Ω
1%
+
–
100µF
10V
AVX-TPS
1µF
6V
(MLC)
1µF
6V
(MLC)
3V
100mA
3V
100mA
2.5V
→ 4.2V
10k
Ω
Figure 27. 1 Cell LI-ION to 3 V/200 mA Converter with Shutdown at VIN ≤ 2.5 V
80
75
70
65
2.6
3.0
3.4
3.8
4.2
AT VIN ≤ 2.5V
SHDN IQ = 500µA
IO = 100mA + 100mA
IO = 50mA + 50mA
VIN
(V)
Figure 28. Typical Efficiency of the Circuit of Figure 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com