Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3050 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3050 Datasheet HTML 2Page - Analog Devices ADP3050 Datasheet HTML 3Page - Analog Devices ADP3050 Datasheet HTML 4Page - Analog Devices ADP3050 Datasheet HTML 5Page - Analog Devices ADP3050 Datasheet HTML 6Page - Analog Devices ADP3050 Datasheet HTML 7Page - Analog Devices ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices ADP3050 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP3050
–6–
REV. 0
LOAD CURRENT – A
0.8
0.0
0.1
1.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.7
0.4
0.3
0.2
0.1
0.6
0.5
VIN = 10V
Figure 13. Switch Saturation Voltage vs. Load Current
AMBIENT TEMPERATURE – C
196
190
45
85
35
25
15
5
5
15
25
35455565
75
198
194
192
204
200
208
202
VIN = 10V
ILOAD = 250 A
206
210
Figure 14. Switching Frequency vs. Temperature
NORMALIZED FEEDBACK VOLTAGE – V
250
200
0
0
1.0
0.2
0.4
0.6
0.8
150
100
50
VIN = 10V
COMP = 0.4V
Figure 15. Frequency Foldback
TIME – 1 s/DIV
VIN = 10V
VOUT = 5V
ILOAD = 800mA
L = 33 H
CIN = 22 F
COUT = 100 F
VSW = 5V/DIV
IL = 500mA/DIV
0V
0A
Figure 16. Continuous Conduction-Mode Waveforms
TIME – 1 s/DIV
VIN = 10V
VOUT = 5V
ILOAD = 100mA
L = 33 H
CIN = 22 F
COUT = 100 F
VSW = 5V/DIV
IL = 500mA/DIV
0V
0A
Figure 17. Discontinuous Conduction-Mode Waveforms
VIN = 10V
VOUT = 5V
ILOAD = 100mA TO 1A SWITCHED
L = 33 H
CIN = 22 F
COUT = 100 F
TIME – 400 s/DIV
VOUT = 20mV/DIV
ILOAD
5V
1A
0A
Figure 18. Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com