Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3050 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 3 Page - Analog Devices

  ADP3050 Datasheet HTML 1Page - Analog Devices ADP3050 Datasheet HTML 2Page - Analog Devices ADP3050 Datasheet HTML 3Page - Analog Devices ADP3050 Datasheet HTML 4Page - Analog Devices ADP3050 Datasheet HTML 5Page - Analog Devices ADP3050 Datasheet HTML 6Page - Analog Devices ADP3050 Datasheet HTML 7Page - Analog Devices ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP3050
–3–
REV. 0
PIN FUNCTION DESCRIPTION
Pin
Name
Function
1
SWITCH
This is the emitter of the internal NPN
power switch. The voltage at this pin switches
between VIN and approximately –0.5 V.
2
BOOST
This pin is used to provide a boosted voltage
(higher than VIN) for the drive stage of the
NPN power switch. With the higher drive
voltage, the power switch can be saturated,
greatly reducing the switch power losses.
3
BIAS
Connect this pin to the regulated output
voltage to maximize system efficiency.
When this pin is above 2.7 V, most of the
ADP3050 operating current will be taken
from the output instead of the input supply.
Leave unconnected if not used.
4
FB
This feedback pin senses the regulated output
voltage. Connect this pin directly to the out-
put (fixed output versions).
5
COMP
This pin is used to compensate the regulator
with an external resistor and capacitor. This
pin can be used to override the control loop,
but the voltage on this pin should not exceed
about 2 V, as the pin is internally clamped to
ensure a fast transient response. Use a pull-up
resistor if this pin is to be pulled higher than 2 V.
6
SD
Use this pin to turn the device on and off. If
this feature is not needed, tie this pin directly
to VIN.
7
GND
Connect this pin to local ground plane.
8
IN
Connect this pin to the input supply voltage.
An input bypass capacitor must be placed
close to this pin to ensure proper regulator
operation.
ABSOLUTE MAXIMUM RATINGS
*
IN Voltage
Steady State . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +30 V
Peak (<100 ms) . . . . . . . . . . . . . . . . . . . . . –0.3 V to +60 V
BOOST Voltage
Steady State . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +45 V
Peak (<100 ms) . . . . . . . . . . . . . . . . . . . . . –0.3 V to +65 V
SD, BIAS Voltage . . . . . . . . . . . . . . . . . –0.3 V to IN + 0.3 V
FB Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +8 V
COMP Voltage . . . . . . . . . . . . . . . . . . . –0.3 V to IN + 0.3 V
SWITCH Voltage . . . . . . . . . . . . . . . . . –0.3 V to IN + 0.3 V
Operating Ambient Temperature Range . . . . –40
°C to +85°C
Operating Junction Temperature Range . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
θJA (2-Layer PCB) . . . . . . . . . . . . . . . . . . . . . . . . . . 108°C/W
θ
JA (4-Layer PCB) . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
°C/W
Lead Temperature Range (Soldering, 60 sec.) . . . . . . . . 300
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged. Unless otherwise specified, all voltages are referenced
to GND
PIN CONFIGURATION
8-Lead SOIC
(R-Suffix)
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
SWITCH
BOOST
BIAS
FB
IN
GND
SD
COMP
ADP3050
ORDERING GUIDE
Output
Temperature
Model
Voltage
Range
Package
*
ADP3050AR
ADJ
–40
°C to +85°C
SO-8
ADP3050AR-3.3
3.3 V
–40
°C to +85°C
SO-8
ADP3050AR-5
5.0 V
–40
°C to +85°C
SO-8
*SO = Small Outline Package
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although this device features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com