Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3050 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 1 Page - Analog Devices

  ADP3050 Datasheet HTML 1Page - Analog Devices ADP3050 Datasheet HTML 2Page - Analog Devices ADP3050 Datasheet HTML 3Page - Analog Devices ADP3050 Datasheet HTML 4Page - Analog Devices ADP3050 Datasheet HTML 5Page - Analog Devices ADP3050 Datasheet HTML 6Page - Analog Devices ADP3050 Datasheet HTML 7Page - Analog Devices ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3050
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
200 kHz, 1 A High-Voltage
Step-Down Switching Regulator
FUNCTIONAL BLOCK DIAGRAM
200kHz
OSCILLATOR
FREQUENCY
AND CURRENT LIMIT
FOLDBACK
2.5V
REGULATOR
CURRENT SENSE
AMPLIFIER
BOOST
FB
SD
GND
BIAS
CURRENT
LIMIT
gm
1.2V
CMP
R
SQ
DRIVER
SWITCH
IN
COMP
+
ADP3050
FEATURES
Wide Input Voltage Range: 3.6 V to 30 V
Adjustable and Fixed (3.3 V, 5 V) Output Options
Integrated 1 A Power Switch
Uses Small Surface-Mount Components
Cycle-By-Cycle Current Limiting
Peak Input Voltage (100 ms): 60 V
Thermally Enhanced 8-Lead SOIC Package
Configurable as a Buck, Buck-Boost and SEPIC
Regulator
APPLICATIONS
Industrial Power Systems
PC Peripheral Power Systems
Preregulator for Linear Regulators
Distributed Power Systems
Automotive Systems
Battery Chargers
GENERAL DESCRIPTION
The ADP3050 is a current-mode monolithic buck (step-down)
PWM switching regulator that contains a high current 1 A power
switch and all control, logic, and protection functions. It uses a
unique compensation scheme that allows the use of any type of
output capacitor (tantalum, ceramic, electrolytic, OS-CON).
Unlike some buck regulators, the design is not restricted to using
a specific type of output capacitor or ESR value.
A special boosted drive stage is used to saturate the NPN power
switch, providing a system efficiency higher than conventional
bipolar buck switchers. Further efficiency improvements are ob-
tained by using the low voltage regulated output to provide the
device's internal operating current. A high switching frequency
allows the use of small external surface-mount components. A
wide variety of standard off-the-shelf devices can be used, pro-
viding a great deal of design flexibility. A complete regulator
design requires only a few external components.
The ADP3050 includes a shutdown input that places the device
in a low-power mode, reducing the total supply current to under
20
µA. Internal protection features include thermal shutdown
circuitry and a cycle-by-cycle current-limit for the power switch
to provide complete device protection under fault conditions.
The ADP3050 provides excellent line and load regulation,
maintaining typically less than
±3% output voltage accuracy
over temperature and under all input voltage and output current
conditions.
The ADP3050 is specified over the industrial temperature range of
–40
°C to +85°C and is available in a thermally enhanced 8-lead
SOIC package.


Similar Part No. - ADP3050

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050ARZ-5 AD-ADP3050ARZ-5 Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results

Similar Description - ADP3050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
High-Voltage 1-A Step-Down Switching Regulator
logo
Analog Devices
ADP3050ARZ-5 AD-ADP3050ARZ-5 Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
High-Voltage 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com