Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3050 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 2 Page - Analog Devices

  ADP3050 Datasheet HTML 1Page - Analog Devices ADP3050 Datasheet HTML 2Page - Analog Devices ADP3050 Datasheet HTML 3Page - Analog Devices ADP3050 Datasheet HTML 4Page - Analog Devices ADP3050 Datasheet HTML 5Page - Analog Devices ADP3050 Datasheet HTML 6Page - Analog Devices ADP3050 Datasheet HTML 7Page - Analog Devices ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
ADP3050–SPECIFICATIONS (V
IN = 10 V, TA = –40 C to +85 C, unless otherwise noted)
1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
FEEDBACK
Feedback Voltage
VFB
Over Line and Temperature
ADP3050
1.16
1.20
1.24
V
ADP3050-3.3
3.20
3.30
3.40
V
ADP3050-5
4.85
5.00
5.15
V
Line Regulation
VIN = 10 V to 30 V, no load
0.005
%/V
Load Regulation
ILOAD = 100 mA to 1 A,
ADP3050AR Only
–1.0
+0.1
+1.0
%/A
ADP3050AR-3.3, ADP3050AR-5
–0.5
+0.1
+0.5
%/A
Input Bias Current
IFB
ADP3050AR Only
0.65
2
µA
ERROR AMPLIFIER
Transconductance2
gm
1250
µMho
Voltage Gain
2
AVOL
300
V/V
Output Current
ADP3050
COMP = 1.0 V, FB = 1.1 V to 1.3 V
±115
µA
ADP3050-3.3
COMP = 1.0 V, FB = 3.0 V to 3.6 V
±120
µA
ADP3050-5
COMP = 1.0 V, FB = 4.5 V to 5.5 V
±135
µA
OSCILLATOR
Oscillator Frequency
3
fOSC
170
200
240
kHz
Minimum Duty Cycle
DMIN
10
%
Maximum Duty Cycle
DMAX
90
%
SWITCH
Average Output Current Limit
4
ICL(AVG)
ADP3050
BOOST = 15 V, FB = 1.1 V
1.0
1.25
1.5
A
ADP3050-3.3
BOOST = 15 V, FB = 3.0 V
1.0
1.25
1.5
A
ADP3050-5
BOOST = 15 V, FB = 4.5 V
1.0
1.25
1.5
A
Peak Switch Current Limit
5
ICL(PEAK)
1.5
1.7
2.1
A
Saturation Voltage
BOOST = 15 V, ILOAD = 1 A
0.65
0.95
V
Leakage Current
50
nA
SHUTDOWN
Input Voltage Low
0.4
V
Input Voltage High
2.0
V
SUPPLY
Minimum Input Voltage
6
VIN
3.6
V
Minimum BIAS Voltage
VBIAS
3.0
V
Minimum BOOST Voltage
VBOOST
3.0
V
IN Supply Current
IQ
Normal Mode
BIAS = 5.0 V
0.7
1.5
mA
Shutdown Mode
SD = 0 V, V
IN
≤ 30 V
15
40
µA
BIAS Supply Current
IBIAS
BIAS = 5.0 V
4.0
6.0
mA
BOOST Supply Current
IBOOST
BOOST = 15 V, ISW = 0.5 A
18
mA
BOOST = 15 V, ISW = 1.0 A
20
40
mA
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
2Transconductance and voltage gain measurements refer to the internal amplifier without the voltage divider. To calculate the transconductance and gain of the fixed
voltage parts, divide the values shown by FB/1.20.
3The switching frequency is reduced when the feedback pin is lower than 0.8
FB.
4See Figure 22 for test circuit.
5Switch current limit is measured with no diode, no inductor, and no output capacitor.
6Minimum input voltage is not measured directly, but is guaranteed by other tests. The actual minimum input voltage needed to keep the output in regulation will
depend on output voltage and load current.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com