Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3342 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3342
Description  Ultralow, IQ, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3342 Datasheet(HTML) 5 Page - Analog Devices

  ADP3342 Datasheet HTML 1Page - Analog Devices ADP3342 Datasheet HTML 2Page - Analog Devices ADP3342 Datasheet HTML 3Page - Analog Devices ADP3342 Datasheet HTML 4Page - Analog Devices ADP3342 Datasheet HTML 5Page - Analog Devices ADP3342 Datasheet HTML 6Page - Analog Devices ADP3342 Datasheet HTML 7Page - Analog Devices ADP3342 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. 0
–5–
ADP3342
TIME –
s
40
80
120
160
1.32
1.22
1.12
3.00
1.80
VCC = 3V
CL = 1 F
RL = 4
0
200
TPC 10. Line Transient Response
TIME –
s
400
1200
800
1.3
1.2
1.1
200
5
VCC = 3V
VIN = 1.8V
CL = 10 F
400
0
0
1600
2000
TPC 13. Load Transient Response
TIME –
s
100
200
300
400
2.0
1.0
0
3.0
0
1.8
0
VCC = 3V
VIN = 1.8V
RL = 4
0
500
TPC 16. Turn On Delay
TIME –
s
40
80
120
160
1.32
1.22
1.12
3.00
1.80
VCC = 3V
CL = 10 F
RL = 4
0
200
TPC 11. Line Transient Response
TIME –
s
200
400
600
800
1.2
0
1.0
0.5
0
VIN = 1.8V
0
1000
TPC 14. Short Circuit Current
TIME –
s
610
14
18
2.0
1.0
0
3.0
0
1.8
0
VCC = 3V
VIN = 1.8V
RL = 4
2
TPC 17. Turn Off Delay
TIME –
s
400
1200
800
1.3
1.2
1.1
200
5
VCC = 3V
VIN = 1.8V
CL = 1 F
400
0
0
1600
2000
TPC 12. Load Transient Response
TIME –
s
200
600
1000
1400
2.0
1.0
0
3.0
0
1.8
0
VCC = 3V
RL = 4
VIN = 1.8V
–200
1800
TPC 15. Power-On/Power-Off
Response from Shutdown
TIME –
s
200
600
1000
1400
2.0
1.0
0
3.0
0
VIN = 1.8V
SD = 3.0V
RL = 4
1800
TPC 18. Power-On/Power-Off
Response from VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com