Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3342 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3342
Description  Ultralow, IQ, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3342 Datasheet(HTML) 3 Page - Analog Devices

  ADP3342 Datasheet HTML 1Page - Analog Devices ADP3342 Datasheet HTML 2Page - Analog Devices ADP3342 Datasheet HTML 3Page - Analog Devices ADP3342 Datasheet HTML 4Page - Analog Devices ADP3342 Datasheet HTML 5Page - Analog Devices ADP3342 Datasheet HTML 6Page - Analog Devices ADP3342 Datasheet HTML 7Page - Analog Devices ADP3342 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
ADP3342
–3–
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
VCC
OUT
OUT
GND
IN
ADP3342
SD
PWRGD
IN
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1, 2
OUT
Output of the Regulator. Bypass to ground with a 1.0
µF or larger capacitor. All pins must be
connected together for proper operation.
3
VCC
Supply Voltage
4
GND
Ground Pin
5
PWRGD
Power Good. Used to indicate output is in regulation.
6
SD
Active Low Shutdown Pin. Connect to ground to disable the regulator output. When shut down
is not used, this pin should be connected to the input pin.
7, 8
IN
Regulator Input. All pins must be connected together for proper operation.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3342 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Input Supply Voltage . . . . . . . . . . . . . . . . . . . –0.3 V to +13 V
Shutdown Input Voltage . . . . . . . . . . . . . . . . –0.3 V to +13 V
Power Dissipation . . . . . . . . . . . . . . . . . . . Internally Limited
Operating Ambient Temperature Range . . . –40
°C to +100°C
Operating Junction Temperature Range . . . –40
°C to +125°C
JA (2-layer) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
°C/W
JA (4-layer)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 121
°C/W
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*This is a stress rating only; operation beyond these limits can cause the device
to be permanently damaged.
ORDERING GUIDE
Model
Output Voltage
*
Package Option
Marking Code
Temperature Range
ADP3342JRM-REEL7
1.2 V
RM-8 (MSOP-8)
LJA
0
°C to 100°C
ADP3342ARM-REEL7 1.2 V
RM-8 (MSOP-8)
LJB
–40
°C to +100°C
*Contact the factory for other output voltage options.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com