Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3342 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3342
Description  Ultralow, IQ, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3342 Datasheet(HTML) 6 Page - Analog Devices

  ADP3342 Datasheet HTML 1Page - Analog Devices ADP3342 Datasheet HTML 2Page - Analog Devices ADP3342 Datasheet HTML 3Page - Analog Devices ADP3342 Datasheet HTML 4Page - Analog Devices ADP3342 Datasheet HTML 5Page - Analog Devices ADP3342 Datasheet HTML 6Page - Analog Devices ADP3342 Datasheet HTML 7Page - Analog Devices ADP3342 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. 0
ADP3342
–6–
TIME –
s
200
400
600
800
1.2
0
3.0
0
1.8
0
VIN = 1.8V
SD = 3.0V
RL = 4
0
1000
TPC 19. Power On/Power Off
Response from VIN
FREQUENCY – Hz
100
10
10
1
0.1
0.01
0.001
100
1k
10k
100k
1M
CL = 10 F
CL = 1 F
VOUT = 1.2V
IL = 1mA
TPC 22. Output Noise Density
TIME – ms
525
35
45
3.6
3.0
400
200
0
VIN = 1.8V
SD = 3V
15
TPC 25. Current Limiting from VCC
FREQUENCY – Hz
10
100
1k
10k
100k
1M
10M
–20
–30
–40
–50
–60
–70
–80
–90
VOUT = 1.2V
CL = 1 F
IL = 50 A
CL = 1 F
IL = 300mA
CL = 10 F
IL = 300mA
CL = 10 F
IL = 50 A
TPC 20. Power Supply Ripple
Rejection
AMBIENT TEMPERATURE – C
1.25
1.23
1.21
1.19
1.17
1.15
0mA
50mA
100mA
200mA
300mA
35
55
75
95
115
135
155
175
TPC 23. Thermal Protection
CL – F
70
0
10
20
30
40
50
60
50
40
20
10
0
30
300mA
0mA
TPC 21. RMS Noise vs. CL
(10 Hz–100 Hz)
VIN – V
1.5
1.7
1.8
2.0
650
600
550
500
1.6
1.9
TPC 24. Current Limit vs. VIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com